Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1703403010 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1703403010
Description  Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1703403010 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1703403010 Datasheet HTML 1Page - Molex Electronics Ltd. 1703403010 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
85Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Electrical Model Document
EE-170340-001
Product Specification
PS-170540-999-001
S-Parameter Model
SP-170340-001
Sales Drawing
SD-170340-0002
Symbol/Footprint Data
SYM-170340-3010
This document was generated on 12/05/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1703403010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1703403010 MOLEX11-1703403010_17 Datasheet
51Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided, 10 Columns
More results

Similar Description - 1703403010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1703403120 MOLEX11-1703403120 Datasheet
43Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
1703403520 MOLEX11-1703403520 Datasheet
50Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
1703403020 MOLEX11-1703403020 Datasheet
50Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
1703403024 MOLEX11-1703403024 Datasheet
51Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
1703403026 MOLEX11-1703403026 Datasheet
48Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
1703403038 MOLEX11-1703403038 Datasheet
49Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Left Guided
1704803022 MOLEX11-1704803022 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 5 Pair Right Angle Daughtercard, Left Guided,
1704803026 MOLEX11-1704803026 Datasheet
49Kb / 2P
   Impact 85 Ohm Plus 5 Pair Right Angle Daughtercard, Left Guided
1705403026 MOLEX11-1705403026 Datasheet
48Kb / 2P
   Impact 85 Ohm Plus 6 Pair Right Angle Daughtercard, left Guided
1710703020 MOLEX11-1710703020 Datasheet
48Kb / 2P
   Impact 85 Ohm Plus 2 Pair Right Angle Daughtercard, Left Guided
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com