Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB35N10S3L-26 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB35N10S3L-26
Description  OptiMOS??T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB35N10S3L-26 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB35N10S3L-26_12 Datasheet HTML 1Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 2Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 3Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 4Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 5Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 6Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 7Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 8Page - Infineon Technologies AG IPB35N10S3L-26_12 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPB35N10S3L-26
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
1)
Thermal resistance, junction - case
R thJC
-
-
2.1
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area3)
-
-
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0V, I D= 1mA
100
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=39µA
1.2
1.7
2.4
Zero gate voltage drain current
I DSS
V DS=80V, V GS=0V,
T j=25°C
-
0.01
0.1
µA
V DS=80V, V GS=0V,
T j=125°C
1)
-
1
10
Gate-source leakage current
I GSS
V GS=20V, V DS=0V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5V, I D=35A
-
24.8
32.2
m
W
V GS=10 V, I D=35 A
-
20.3
26.3
Values
Rev. 1.1
page 2
2011-05-17


Similar Part No. - IPB35N10S3L-26_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - IPB35N10S3L-26_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD70N04S3-07 INFINEON-IPD70N04S3-07 Datasheet
188Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD30N06S3-24 INFINEON-IPD30N06S3-24 Datasheet
189Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPD50N06S3L-06 INFINEON-IPD50N06S3L-06 Datasheet
163Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
IPD50N06S3L-13 INFINEON-IPD50N06S3L-13 Datasheet
162Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.2 2009-05-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com