Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMB10S Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # UMB10S
Description  SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UMB10S Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  UMB10S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UMB10S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.9
9
0.3
0.6
THRU UMB10
UMB1
1.0
0.01
0.1
1.0
10
1.5
1.8
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2Typical Forward Characteristics (per leg)
T= 25 C
Pulse Width = 300µs
A
°
1.2
2.1
0
10
20
30
35
1.0
10
NUMBER OF CYCLES AT 60 Hz
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
1
10
100
1
10
100
VR , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
T= 25 C
f = 1.0MHz
J
°
0
0.2
0.4
0.6
0
40
80
120
160
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Output Current Derating Curve
A
°
S
S
Resistive or Inductive Load
Fig. 3 Maximum Peak Forward Surge Current (per leg)
UMB1S-UMB2S
UMB4S
UMB6S-UMB10S
Al. Substrate
PC Board
Glass Epoxy
PC Board
10 00
100
10
1.0
0.1
T= 2 5 C
J
O
T = 125 C
J
O
FIG.5 TYPICAL REVERSE CHRACTERISTICS
(V)
PERCENT OF RATED PEAK INVERSE VOLTGE
20
40
60
80
100
120
2 of 2
version:01
www.dyelec.com


Similar Part No. - UMB10S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UMB10S DYELEC-UMB10S Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UMB10S JUXING-UMB10S Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UMB10S ZSELEC-UMB10S Datasheet
93Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB10S ZSELEC-UMB10S Datasheet
93Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
UMB10S CHENDA-UMB10S Datasheet
270Kb / 2P
   GLASS PASSIVATED ULTRA FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - UMB10S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UABS2 DYELEC-UABS2_17 Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1F DYELEC-UMB1F Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1M DYELEC-UMB1M Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS2 DYELEC-UABS2 Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1M DYELEC-UMB1M_17 Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UMB1S DYELEC-UMB1S_17 Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1M DYELEC-RMB1M Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S_17 Datasheet
1Mb / 3P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RMB1S DYELEC-RMB1S Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
RABS2 DYELEC-RABS2_17 Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com