Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF2MN Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UF2MN
Description  2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UF2MN Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UF2MN Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UF2MN Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
version:01
50
UF2MN
UF2KN
UF2JN
UF2GN
UF2DN
UF2BN
UF2AN
UF MN
UF AN
100
RRM
J
A
A
/W
STG
T
T
C
1.0
@T =100
@T =25
@T =55
Classification Rating 94V-0
75
1.3
1)
3)
5.0
I
·
@IF=2.0A
2.0
28
20
Time
1.7
200
400
600
800
1000
700
560
420
280
140
1000
800
600
400
200
THRU
Features
Mechanical Data
Case: Molded plastic
· Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
· Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
50
100
V
Maximum RMS Voltage
VRMS
35
70
V
Maximum DC Blocking Voltage
VDC
50
100
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
uA
At Rated DC Blocking Voltage
Maximum Reverse Recovery
Trr
ns
Typical Junction Capacitance (Note 2)
pF
Typical Thermal Resistance Junction to
Ambient(Note
Rθ JA
Operating Temperature Range
-55 to+150
Storage Temperature Range
-55 to +150
Note:
1of2
· Polarity: Color band dentes cathode end
50
2
2
R
Ultra fast switching for high efficiency
·
·
· Plastic Case Material has UL Flammability
·
High current capability
Low cost
Areas.
Land
Thick
8.0MM
1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A.
2. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
3.
²(.013mm
(Note
L
J
0.084(2.13)
0.004(0.10)
0.008(0.20)
0.197(5.00)
0.217(5.50)
0.057(1.45)
0.033(0.85)
0.004(0.100)
0.012(0.300)
0.187(4.75)
0.163(4.15)
0.154(3.90)
SMB/DO-214AA
Dimensions in inches and (millimeters)
0.096(2.44)
0.130(3.30)
0.075(1.91)
0.083(2.11)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - UF2MN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2M ETC2-UF2M Datasheet
967Kb / 2P
   ULTRA FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
UF2M ZSELEC-UF2M Datasheet
151Kb / 2P
   2.0A SURFACE MOUNT ULTRAFAST DIODE
logo
Shanghai Shunye Electro...
UF2M SY-UF2M Datasheet
234Kb / 2P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF2M HOTTECH-UF2M Datasheet
200Kb / 3P
   SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Taychipst Elec...
UF2M TAYCHIPST-UF2M Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - UF2MN

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UF2A DYELEC-UF2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
U2A DYELEC-U2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
U2AN DYELEC-U2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
US2A DYELEC-US2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
US2AN DYELEC-US2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT GLASS ULTRA FAST RECTIFIER
logo
HY ELECTRONIC CORP.
UF1A HY-UF1A Datasheet
35Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF3A HY-UF3A Datasheet
41Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
UF2A HY-UF2A Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
FR2AN DYELEC-FR2AN Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
FR2A DYELEC-FR2A Datasheet
1Mb / 2P
   2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com