Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4053EEY-T1-GE3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG4053EEY-T1-GE3
Description  Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4053EEY-T1-GE3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG4053EEY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix DG4053EEY-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DG4051E, DG4052E, DG4053E
www.vishay.com
Vishay Siliconix
S16-0623-Rev. A, 11-Apr-16
9
Document Number: 69685
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Switching Time vs. Temperature (Single Supply)
DG4051E Insertion Loss, Off-Isolation,
Crosstalk vs. Frequency
Leakage Current vs. Temperature
Switching Time vs. Temperature (Dual Supply)
DG4052E Insertion Loss, Off-Isolation,
Crosstalk vs. Frequency
1
10
100
1000
10 000
100 000
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
I
D(OFF), VD = 4.5 V, VS = -4.5 V
V+ = +5.5 V
V- = -5.5 V
I
D(ON), VD = 4.5 V
I
S(OFF), VD = 4.5 V, VS = -4.5 V
0
25
50
75
100
125
150
175
200
-60
-10
40
90
140
Temperature (°C)
V+ = +3 V, V- = 0 V, t
ON
V+ = +5 V, V- = 0 V, t
ON
V+ = +16 V, V- = 0 V, t
ON
V+ = +3 V, V- = 0 V, t
OFF
V+ = +5 V, V- = 0 V, t
OFF
V+ = +16 V, V- = 0 V, t
OFF
V+ = +12 V, V- = 0 V, t
ON
V+ = +12 V, V- = 0 V, t
OFF
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100K
1M
10M
100M
1G
Frequency (Hz)
Loss
DG4051E
V+ = +5 V
V- = -5 V
R
L = 50 
OIRR
X
TALK
1
10
100
1000
10 000
100 000
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
I
D(OFF), VD = 12.2 V, VS = 1.0 V
V+ = +13.2 V
V- = -0 V
I
D(ON), VD = 12.2 V
I
S(OFF), VD = 12.2 V, VS = 1.0 V
0
10
20
30
40
50
60
70
80
-60
-10
40
90
140
Temperature (°C)
V+ = +5 V, V- = 5 V, t
ON
V+ = +5 V, V- = -5 V, t
OFF
V+ = +8 V, V- = -8 V, t
ON
V+ = +8 V, V- = -8 V, t
OFF
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100K
1M
10M
100M
1G
Frequency (Hz)
Loss
DG4052E
V+ = +5 V
V- = -5 V
R
L = 50 
OIRR
X
TALK


Similar Part No. - DG4053EEY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4053E VISHAY-DG4053E Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
More results

Similar Description - DG4053EEY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com