Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG4052EEN-T1-GE4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG4052EEN-T1-GE4
Description  Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4052EEN-T1-GE4 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG4052EEN-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix DG4052EEN-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DG4051E, DG4052E, DG4053E
www.vishay.com
Vishay Siliconix
S16-0623-Rev. A, 11-Apr-16
1
Document Number: 69685
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Capacitance, Low Charge Injection, 4- / 8-Channel,
Triple SPDT, ± 5 V / 12 V / 5 V / 3 V Analog Multiplexers
DESCRIPTION
The DG4051E, DG4052E, and DG4053E are high precision
CMOS analog multiplexers. The DG4051E is an 8-channel
multiplexer, the DG4052E is a dual 4-channel multiplexer,
and the DG4053E is a triple 2-channel multiplexer or triple
SPDT.
The DG4051E, DG4052E, and DG4053E feature low
leakage, parasitic capacitance, and low charge injection
of 0.3 pC over the full voltage range. These devices are ideal
for high precision signal switching and multiplexing.
Designed to operate from a 3 V to 16 V single supply or from
a ± 3 V to ± 8 V dual supplies, the DG4051E, DG4052E, and
DG4053E are fully specified at 3 V, 5 V, 12 V and ± 5 V. All
control logic inputs have guaranteed 2 V logic high limit
when operating from 5 V or ± 5 V supplies and 1.4 V when
operating from a 3 V supply.
All switches conduct equally well in both directions, offering
rail to rail analog signal switching and can be used both as
multiplexers as well as de-multiplexers.
The
DG4051E,
DG4052E,
and
DG4053E
operating
temperature is specified from -40 °C to +125 °C and
are available in 16 pin TSSOP and the ultra compact
1.8 mm x 2.6 mm miniQFN16 packages.
BENEFITS
• Wide operation voltage range
• Low charge injection
• Low parasitic capacitance
• Compact package option
FEATURES
• 3 V to 16 V single supply or ± 3 to ± 8 V dual
supply operation
• Low parasitic capacitance:
CD(ON): 8.5 pF / typ. (DG4053E)
CS(OFF): 2.0 pF / typ. (DG4053E)
• Less than 0.3 pC charge injection over the full signal swing
range
• Low leakage: < 50 pA, typ.
• Fast switching tON: 35 ns, typ.
• 3 V logic compatible for control
• Bi-directional rail to rail signal switching
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automatic test equipment
• Process control and automation
• Data acquisition systems
• Meters and instruments
• Medical and healthcare systems
• Communication systems
• Audio and video signal routing
• Relay replacement
• Battery powered systems
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
ENABLE = LO, all switches are controlled by addr pins.
ENABLE = HI, all switches are off.
X0
A
X3
11
12
13
14
X2
C
B
X1
V+
9
10
16
15
X
X7
X5
V-
X4
X6
ENABLE
GND
3
4
5
6
1
2
7
8
Top View
DG4051E
TSSOP16
Top View
DG4052E
TSSOP16
Y
Y3
Y1
X
Y0
Y2
X0
A
X3
11
12
13
14
X2
B
X1
V+
9
10
16
15
V-
ENABLE
GND
3
4
5
6
1
2
7
8
Logic
Logic
ENABLE
DG4053E
TSSOP16
C
Top View
Y
Z0
Y1
X
Y0
Z1
X0
A
11
12
13
14
Z
B
X1
V+
9
10
16
15
V-
ENABLE
GND
3
4
5
6
1
2
7
8


Similar Part No. - DG4052EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG4052E VISHAY-DG4052E Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
More results

Similar Description - DG4052EEN-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com