Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9426E Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9426E
Description  On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9426E Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9426E Datasheet HTML 2Page - Vishay Siliconix DG9426E Datasheet HTML 3Page - Vishay Siliconix DG9426E Datasheet HTML 4Page - Vishay Siliconix DG9426E Datasheet HTML 5Page - Vishay Siliconix DG9426E Datasheet HTML 6Page - Vishay Siliconix DG9426E Datasheet HTML 7Page - Vishay Siliconix DG9426E Datasheet HTML 8Page - Vishay Siliconix DG9426E Datasheet HTML 9Page - Vishay Siliconix DG9426E Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DG9424E, DG9425E, DG9426E
www.vishay.com
Vishay Siliconix
S16-0320-Rev. A, 29-Feb-16
6
Document Number: 75770
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Leakage parameters are guaranteed by worst case test conditions and not subject to production test.
b. Room = 25 °C, Full = As determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = Input voltage to perform proper function.
SPECIFICATIONS a Single Supply 3 V
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS
OTHERWISE SPECIFIED
V+ = 3 V, V- = 0 V
VL = 3 V, VIN = 2.4 V, 0.4 V f
TEMP.b
LIMITS
-40 °C to +85 °C
UNIT
MIN. d
TYP. c
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
0
-
3
V
On-Resistance
RON
V+ = 2.7 V, V- = 0 V
INO, INC = 5 mA, VCOM = 0.5, 2.2 V
Room
-
6
-
Full
---
Switch Off Leakage Current a
INO(off)
V+ = 3.3 V, V- = 0 V
VCOM = 0.3, 3 V, VNO, VNC = 3, 0.3 V
Room
-1
-
1
nA
INC(off)
Full
-10
-
10
ICOM(off)
Room
-1
-
1
Full
-10
-
10
Channel On Leakage Current a
ICOM(on)
V+ = 3.3 V, V- = 0 V,
VNO, VNC = VCOM = 0.3, 3 V
Room
-1
-
1
Full
-10
-
10
Digital Control e
Input Current
IINL or IINH
Full
-1
0.005
1
μA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VNO, VNC = 1.5 V, see fig. 2
Room
-
140
-
ns
Full
-
-
193
Turn-Off Time
tOFF
Room
-
65
-
Full
-
-
89
Break-Before-Make Time Delay
tD
DG9426E only, VNO, VNC = 1.5 V
RL = 300 , CL = 35 pF
Room
5
Charge Injection e
QINJ
Vg = 0 V, Rg = 0 , CL = 1 nF
Room
-
15
-
pC
Off Isolation e
OIRR
RL = 50 , CL = 5 pF
f = 1 MHz
Room
-
-56
-
dB
Channel-to-Channel Crosstalk e
XTALK
Room
-
-80
-
Source Off Capacitance e
CNO(off)
f = 1 MHz
Room
-
53
-
pF
CNC(off)
Drain Off Capacitance e
CCOM(off)
Room
-
42
-
Channel On Capacitance e
CCOM(on)
Room
-
92
-


Similar Part No. - DG9426E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG9426EDN-T1-GE4 VISHAY-DG9426EDN-T1-GE4 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG9426EDQ-T1-GE3 VISHAY-DG9426EDQ-T1-GE3 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG9426E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
DG417LE VISHAY-DG417LE_V01 Datasheet
346Kb / 19P
   6 ??On-Resistance, 12 V, 짹 5 V, 5 V, 3 V, SPST and SPDT Switches
01-Jan-2022
logo
Analog Devices
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG9422E VISHAY-DG9422E Datasheet
249Kb / 11P
   1.7 ?? Low On Resistance, 12 V, 5 V, 3 V, 짹 5 V, SPST Switches
01-Jan-2022
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com