Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG413LEDQ-GE3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # DG413LEDQ-GE3
Description  Low Parasitic Capacitance and Leakage, Quad SPST Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG413LEDQ-GE3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button DG413LEDQ-GE3 Datasheet HTML 7Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 8Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 9Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 10Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 11Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 12Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 13Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 14Page - Vishay Siliconix DG413LEDQ-GE3 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DG411LE, DG412LE, DG413LE
www.vishay.com
Vishay Siliconix
S16-0391-Rev. A, 07-Mar-16
11
Document Number: 78091
For technical questions, contact: analogswitchsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 5 - Crosstalk
Fig. 6 - Off-Isolation
Fig. 7 - Source / Drain Capacitances
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?78091.
0 V, 2.4 V
S1
XTALK Isolation = 20 log
VS
VO
D2
C = RF bypass
RL
D1
S2
VS
0 V, 2.4 V
IN1
50
Ω
VO
IN2
Rg = 50 Ω
VL
V+
GND
V -
NC
C
CC
V+
V-
VL
RL
50
Ω
D
0 V, 2.4 V
V+
Rg = 50 Ω
GND
V-
C
VS
Off Isolation = 20 log
VS
VO
IN
VL
VO
C
S
C
C = RF Bypass
V-
V+
VL
D
IN
S
VL
V+
GND
V -
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
CC
VLV+
V-


Similar Part No. - DG413LEDQ-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG413LE VISHAY-DG413LE Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
More results

Similar Description - DG413LEDQ-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
   200 ?? Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
08-Feb-17
DG411LE VISHAY-DG411LE_V01 Datasheet
327Kb / 17P
   16 ?? Low Parasitic Capacitance and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
01-Jan-2022
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
logo
Maxim Integrated Produc...
MAX326 MAXIM-MAX326 Datasheet
309Kb / 8P
   Quad, SPST, Ultra-Low Leakage, CMOS Analog Switches
19-3985; Rev 2; 7/96
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314_10 Datasheet
247Kb / 4P
   Low Parasitic Capacitance and Inductance
MASW-003103-1364 MA-COM-MASW-003103-1364_15 Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
MA4SPS402 MA-COM-MA4SPS402_15 Datasheet
745Kb / 8P
   Low Parasitic Capacitance and Inductance
logo
Texas Instruments
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
[Old version datasheet]   (-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com