Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG442LEDQ-T1-GE3 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # DG442LEDQ-T1-GE3
Description  Low Charge Injection and Leakage, Quad SPST Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG442LEDQ-T1-GE3 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button DG442LEDQ-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix DG442LEDQ-T1-GE3 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
10
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SCHEMATIC DIAGRAM (typical channel)
Fig. 1
TEST CIRCUITS
Fig. 2 - Switching Time
Fig. 3 - Charge Injection
Level
Shift/
Drive
VIN
S
V+
GND
V-
D
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 20 ns
tf < 20 ns
tOFF
tON
Note:
Logic input waveform is inverted for DG442.
50 %
80 %
80 %
VS
CL (includes fixture and stray capacitance)
V-
V+
IN
S
D
3 V
RL
1 k
Ω
CL
35 pF
VO
V-
GND
V+
OFF
ON
OFF
OFF
ON
OFF
VO
ΔV
O
INX
INX
Q =
ΔVO x CL
(DG441)
(DG442)
CL
1 nF
IN
D
VO
V-
V+
S
3 V
Rg
V-
GND
V+


Similar Part No. - DG442LEDQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG442LEDQ-T1-GE3 VISHAY-DG442LEDQ-T1-GE3 Datasheet
332Kb / 18P
   16 ?? Low Charge Injection and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
08-Feb-17
More results

Similar Description - DG442LEDQ-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2501 VISHAY-DG2501 Datasheet
165Kb / 9P
   Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
Rev. A, 19-May-14
DG2501 VISHAY-DG2501_V01 Datasheet
201Kb / 10P
   200 ?? Low Leakage, Low Parasitic and Low Charge Injection, Quad SPST Analog Switches
08-Feb-17
DG611E VISHAY-DG611E Datasheet
410Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 24-Apr-17
DG611A VISHAY-DG611A_V01 Datasheet
327Kb / 17P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
08-Feb-17
DG611A VISHAY-DG611A_11 Datasheet
240Kb / 15P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. C, 30-May-11
DG611E VISHAY-DG611E_V01 Datasheet
441Kb / 18P
   1.4 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
01-Jan-2022
DG611A VISHAY-DG611A Datasheet
194Kb / 11P
   1 pC Charge Injection, 100 pA Leakage, Quad SPST Switches
Rev. A, 04-Feb-08
logo
Advanced Linear Devices
ALD4201 ALD-ALD4201 Datasheet
40Kb / 6P
   CMOS LOW VOLTAGE, LOW CHARGE INJECTION QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE_V01 Datasheet
332Kb / 18P
   16 ?? Low Charge Injection and Leakage, 12 V / 5 V / 3 V / 짹 5 V Quad SPST Switches
08-Feb-17
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
   Low Parasitic Capacitance and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com