Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLO36 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MLO36
Description  AC Controller Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MLO36 Datasheet(HTML) 3 Page - IXYS Corporation

  MLO36 Datasheet HTML 1Page - IXYS Corporation MLO36 Datasheet HTML 2Page - IXYS Corporation MLO36 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
MLO 36
MMO 36
1
10
100
1000
0
50
100
150
200
250
300
350
400
0
5
10 15 20 25 30 35 40
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
150
110
100
1000
0
25
50
75
100
125
0
5
10
15
20
25
30
0
5
10 15 20 25 30 35 40
0
10
20
30
40
50
60
0
25
50
75
100
125
150
ms
I
2t
A
2s
°C
I
TAVM
°C
A
0.001
0.01
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
ms
t
A
I
TSM
T
A
°C
K/W
A
I
RMS
A
W
V
R = 0V
80 % V
RRM
50 Hz
Circuit W1
1 x MMO 36
1 x MLO 36
Circuit W3
3 x MMO 36
3 x MLO 36
W
Z
thJK
s
t
T
A
I
RMS
T
K
t
P
tot
P
tot
0.9
1.8
3
4.5
7.5
10.5
R
thKA K/W
0.3
0.6
1
1.5
2.5
3.5
R
thKA K/W
200
300
180° sin
120°
60°
30°
DC
Fig. 5 Surge overload current
I
TSM, IFSM: Crest value, t: duration
Fig. 7 I2t versus time (1-10 ms)
Fig. 9 Maximum on-state current
versus heatsink temperature
Fig. 4 Load current capability for single phase AC controller
Fig. 6 Load current capability for three phase AC controller: 3xMMO 36/MLO 36
Fig. 8 Transient thermal impedance junction to heatsink
(per thyristor or diode)
Constants for
Z
thJK calculation:
R
thi / (K/W)
t
i / (s)
0.017
0.008
0.04
0.019
1.143
0.16
0.3
0.98
30°
60°
120°
180°
DC
R
thJK for various
conduction
angles d :
R
thJK / (K/W)
d :
1.5
DC
1.557
180°
1.579
120°
1.603
60°
1.616
30°
T
VJ = 125°C
T
VJ = 45°C
T
VJ = 125°C
T
VJ = 45°C


Similar Part No. - MLO36

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MLO-POT-100-LWG FESTO-MLO-POT-100-LWG Datasheet
77Kb / 2P
   Displacement encoder
MLO-POT-1000-TLF FESTO-MLO-POT-1000-TLF Datasheet
74Kb / 2P
   Displacement encoder
MLO-POT-1250-TLF FESTO-MLO-POT-1250-TLF Datasheet
75Kb / 2P
   Displacement encoder
MLO-POT-150-LWG FESTO-MLO-POT-150-LWG Datasheet
78Kb / 2P
   Displacement encoder
MLO-POT-1500-TLF FESTO-MLO-POT-1500-TLF Datasheet
75Kb / 2P
   Displacement encoder
More results

Similar Description - MLO36

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VW2X30 IXYS-VW2X30 Datasheet
72Kb / 3P
   AC Controller Modules
VW2X60 IXYS-VW2X60 Datasheet
67Kb / 3P
   AC Controller Modules
VWO35 IXYS-VWO35 Datasheet
58Kb / 2P
   AC Controller Modules
VW2X45 IXYS-VW2X45 Datasheet
71Kb / 3P
   AC Controller Modules
MMO90 IXYS-MMO90 Datasheet
58Kb / 3P
   AC Controller Modules
MLO75-12IO1 IXYS-MLO75-12IO1 Datasheet
78Kb / 3P
   AC Controller Modules
L166 IXYS-L166 Datasheet
58Kb / 3P
   AC Controller Modules
MMO62-12IO6 IXYS-MMO62-12IO6 Datasheet
58Kb / 3P
   AC Controller Modules
MMO230 IXYS-MMO230 Datasheet
65Kb / 2P
   AC Controller Modules
MMO175 IXYS-MMO175 Datasheet
160Kb / 2P
   AC Controller Modules
MMO110 IXYS-MMO110 Datasheet
91Kb / 2P
   AC Controller Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com