Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT1822-422-065-D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MKT1822-422-065-D
Description  Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1822-422-065-D Datasheet(HTML) 1 Page - Vishay Siliconix

  MKT1822-422-065-D Datasheet HTML 1Page - Vishay Siliconix MKT1822-422-065-D Datasheet HTML 2Page - Vishay Siliconix MKT1822-422-065-D Datasheet HTML 3Page - Vishay Siliconix MKT1822-422-065-D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
47
MKT 1822
Vishay Roederstein
Document Number 26012
Revision 02-Dec-03
For technical questions, contact dc-film@vishay.com
PCM
± 0.4
0.6
L
Max.
0.8
MAIN APPLICATIONS:
Blocking, bypassing, filtering, timing, coupling and decoupling
circuits, interference suppression in low voltage applications.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/
date of manufacture
DIELECTRIC:
Polyester film
ELECTRODES:
Vacuum deposited aluminum
COATING:
Flame retardant plastic case (UL-class 94 V-0), green, epoxy
resin sealed
Flame class B according to IEC 60065 available on request
CONSTRUCTION:
Extended metallized film (refer to general information)
LEADS:
Tinned wire
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
TEMPERATURE RANGE:
- 55°C to + 100°C
CAPACITANCE RANGE:
1000pF to 15µF
CAPACITANCE TOLERANCES:
± 20% (M), ± 10% (K), ± 5% (J)
RATED VOLTAGES (UR):
63 VDC, 100 VDC, 250 VDC, 400 VDC, 630 VDC, 1000 VDC
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz:
40 VAC, 63 VAC, 160 VAC, 200 VAC, 220 VAC, 220 VAC
TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 s
INSULATION RESISTANCE:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
For C
0.33µF and UR > 100 VDC:
30,000 MΩ minimum value (100,000 MΩ typical value)
For C
0.33µF and UR 100 VDC:
15,000 MΩ minimum value (50,000 MΩ typical value)
Metallized Polyester Film Capacitor
Related Document: IEC 60384-2
DISSIPATION FACTOR TAN δ
δδ
δδ
MEASURED AT
C
0.1µF
0.1
µF < C 1.0µF
C > 1.0
µF
1kHz
8 x 10-3
8 x 10-3
10 x 10-3
10kHz
15 x 10-3
15 x 10-3
100kHz
25 x 10-3
——
Maximum values
If the maximum pulse voltage is less than the rated voltage higher dv/dt values can be permitted.
MAXIMUM PULSE RISE TIME
(mm)
63 VDC
100 VDC
250 VDC
400 VDC
630 VDC
1000 VDC
10
11
13
22
37
60
130
15
7
8
13
21
33
65
22.5
4
5
8
13
19
34
27.5
3
4
6
10
14
25
Maximum pulse rise time dv/dt [V/µs]
PCM
6-1
± 0.4
H
Max.
W
Max.
Marking
TIME CONSTANT:
Measured at 100 VDC (63 VDC series measured at 50 VDC)
after one minute
For C > 0.33
µF and UR > 100 VDC:
10,000 s minimum value (40,000 s typical value)
For C > 0.33
µF and UR 100 VDC:
5000 s minimum value (15,000 s typical value)
CAPACITANCE DRIFT:
Up to + 40°C, ± 1.5% for a period of two years
DERATING FOR DC AND AC.
CATEGORY VOLTAGE UC:
At + 85°C: UC = 1.0 UR
At + 100°C: UC = 0.8 UR
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
PULL TEST ON LEADS:
≥ 30 N in direction of leads according to IEC 60068-2-21
RELIABILITY:
Operational life > 300,000 h
Failure rate < 2 FIT (40°C and 0.5 x UR)
For further details, please refer to the general information
provided in this catalog.
Dimensions in millimeters


Similar Part No. - MKT1822-422-065-D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1820 VISHAY-MKT1820 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820 VISHAY-MKT1820 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410 VISHAY-MKT1820-410 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor
Revision 01-Dec-03
MKT1820-410/405-G VISHAY-MKT1820-410/405-G Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820-410/405-W VISHAY-MKT1820-410/405-W Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
More results

Similar Description - MKT1822-422-065-D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT1817 VISHAY-MKT1817_05 Datasheet
171Kb / 4P
   Metallized Polyester Film Capacitors Related Document: IEC 60384-2
Revision: 05-Jul-05
MKT1817 VISHAY-MKT1817 Datasheet
46Kb / 3P
   Metallized Polyester Film Capacitors Related Document : IEC 60384-2
Revision 01-Dec-03
MKT1817 VISHAY-MKT1817_08 Datasheet
171Kb / 4P
   Metallized Polyester Film Capacitors Related Document: IEC 60384-2
Revision: 05-Jul-05
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1846 VISHAY-MKP1846_05 Datasheet
168Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com