Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU24035GW Datasheet(PDF) 11 Page - Rohm

Part # BU24035GW
Description  u - step System Lens Driver for Digital Still Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU24035GW Datasheet(HTML) 11 Page - Rohm

Back Button BU24035GW Datasheet HTML 7Page - Rohm BU24035GW Datasheet HTML 8Page - Rohm BU24035GW Datasheet HTML 9Page - Rohm BU24035GW Datasheet HTML 10Page - Rohm BU24035GW Datasheet HTML 11Page - Rohm BU24035GW Datasheet HTML 12Page - Rohm BU24035GW Datasheet HTML 13Page - Rohm BU24035GW Datasheet HTML 14Page - Rohm BU24035GW Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Datasheet
Datasheet
11/21
TSZ02201-0M2M0BC12080-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BU24035GW
●Typical Performance Curves
(Unless otherwise specified, Ta
=25°C, DVDD=3.0V, MVCC=5.0V, DVSS=MGND=0.0V)
0
1
2
3
4
5
2.0
3.0
4.0
5.0
6.0
MVCC [V]
Figure 5. Output ON-Resistance
MVCC Dependency
(Voltage driver block)
0
1
2
3
4
5
-50
-25
0
25
50
75
100
Am bient Tem perature
[℃]
Figure 6. Output ON-Resistance
Temperature Dependency
(Voltage driver block)
0
1
2
3
4
5
2.03.0
4.05.0
6.0
MVCC
[V]
Figure 7. Output ON-Resistance
MVCC Dependency
(Current driver block)
0
1
2
3
4
5
-50-25
0
25
50
75100
Am bient Tem perature
[℃]
Figure 8. Output ON-Resistance
Temperature Dependency
(Current driver block)
IO=±100mA
IO=±100mA
IO=±100mA
IO=±100mA


Similar Part No. - BU24035GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24031GW-E2 ROHM-BU24031GW-E2 Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW-E2 ROHM-BU24032GW-E2 Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW Datasheet
159Kb / 4P
   Silicon monolithic integrated circuit
More results

Similar Description - BU24035GW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com