Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM92T50MWV Datasheet(PDF) 9 Page - Rohm

Part # BM92T50MWV
Description  Type-C USB Power Delivery Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM92T50MWV Datasheet(HTML) 9 Page - Rohm

Back Button BM92T50MWV Datasheet HTML 5Page - Rohm BM92T50MWV Datasheet HTML 6Page - Rohm BM92T50MWV Datasheet HTML 7Page - Rohm BM92T50MWV Datasheet HTML 8Page - Rohm BM92T50MWV Datasheet HTML 9Page - Rohm BM92T50MWV Datasheet HTML 10Page - Rohm BM92T50MWV Datasheet HTML 11Page - Rohm BM92T50MWV Datasheet HTML 12Page - Rohm BM92T50MWV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
BM92T50MWV
9/28
TSZ02201-0232AA000250 -1-2
30, Jul.2015, Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
5
Electrical Characteristics
5.1
Absolute Maximum Ratings
Table 5-1. Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Conditions
Maximum Supply Voltage1
(VB, VEX, DSCHG, S2_DRV_G1,
S2_DRV_G2,S2_DRV_SRC,
S1_DRV_G1,S1_DRV_SRC, S1_DRV_G2 )
VIN1
-0.3 to +28
V
*1
*2
Maximum Supply Voltage2
(VDDIO)
VIN2
-0.3 to +6.0
V
Maximum Supply Voltage3
(VSVR, DBGRSTCK, DBGMODDT, GPIO0,
GPIO1, SMDATA, SMCLK, VCONN_IN)
VIN3
-1.0 to+6.0
V
Maximum Supply Voltage4
(VSTR/ATST2, IDSEL/ATST1, XRST,
VCCIN, GPIO4, GPIO5,GPIO6,GPIO7,
GPO2/VDIV, GPO3/FB, CSENSEN,
CSENSEP, XCLPOFF1, XCLPOFF2, CC1,
CC2, LDO15DCAP, LDO28CAP,
LDO15ACAP,)
VIN4
-0.3 to +6.0
V
Maximum different Voltage
(S2_DRV_G1-S2_DRV_SRC,
S2_DRV_G2-S2_DRV_SRC,
S1_DRV_G1-S1_DRV_SRC,
S1_DRV_G2-S1_DRV_SRC)
Vdiff
-0.3 to +6.0
V
Power Dissipation
Pd
2.61
W
*3
Operating Temperature Range
Topr
-30 to +105
degree
*4
Storage Temperature Range
Tstg
-55 to +125
degree
*1 When the DSCHG pin is applied voltage should by way of resistance more than
120Ω (4W).
*2 The different voltage between S*DRV_G* and S*DRV_SRC is defined “Symbol Vdiff”. S*_DRV_G*=S*_DRV_SRC+5.8V (typ.)
*3 This value is the permissible loss using a ROHM specification board (74.2 x 74.2 x 1.6tmm, 4 layered board mounting).
At the time of PCB mounting the permissible loss varies with the size and material of board.
When using more than at Ta=25℃, it is reduced 26.1 mW per 1℃.(Caution)Use in excess of this value may result in damage to the device. Moreover,
normal operation is not protected.
*4 Target spec.
Figure 5-1. Power Dissipation
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
Ambient Temperature [°C]
PDMAX=2.61W
θja = 38.3 ℃/W


Similar Part No. - BM92T50MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T10MWV-E2 ROHM-BM92T10MWV-E2 Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T20MWV ROHM-BM92T20MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T20MWV-E2 ROHM-BM92T20MWV-E2 Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
More results

Similar Description - BM92T50MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com