Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM92T20MWV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BM92T20MWV-E2
Description  Type-C USB Power Delivery Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM92T20MWV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BM92T20MWV-E2 Datasheet HTML 6Page - Rohm BM92T20MWV-E2 Datasheet HTML 7Page - Rohm BM92T20MWV-E2 Datasheet HTML 8Page - Rohm BM92T20MWV-E2 Datasheet HTML 9Page - Rohm BM92T20MWV-E2 Datasheet HTML 10Page - Rohm BM92T20MWV-E2 Datasheet HTML 11Page - Rohm BM92T20MWV-E2 Datasheet HTML 12Page - Rohm BM92T20MWV-E2 Datasheet HTML 13Page - Rohm BM92T20MWV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
BM92T20MWV
10/28
TSZ02201-0232AA000210 -1-2
16, Jul.2015, Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
5.2
Recommended Operating Conditions
Table 5-2. Recommended Operating Conditions
(Ta=25
°C)
Item
Symbol
Range
Unit
Conditions
VB, VEX Voltage
VB, VEX
4.75 ~ 20
V
VSVR Voltage
VSVR
3.1 ~ 5.5
V
*2
VDDIO Voltage
VDDIO
1.7 ~ 5.5
V
*2
VCONN_IN Input Voltage
VCONN
4.75 ~ 5.5
V
*2 target design
5.3
Circuit Current Characteristics
Table 5-3. Common Characteristics
Electrical Characteristics (Ta=25
°C, VSVR=3.3V, VB=open, VEX=open, VDDIO=3.3V)
Item
Symbol
Limit
Unit
Conditions
Min
Typ
Max
[Circuit Current]
Unattached current
Idd_unatt
0.4
mW
@VSVR=3.3V
Attached current
Idd_att
3.5
mW
@VSVR=3.3V


Similar Part No. - BM92T20MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T10MWV-E2 ROHM-BM92T10MWV-E2 Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T30MWV-E2 ROHM-BM92T30MWV-E2 Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T50MWV ROHM-BM92T50MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
More results

Similar Description - BM92T20MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com