Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM92A50MWV Datasheet(PDF) 11 Page - Rohm

Part # BM92A50MWV
Description  USB Type-C Power Delivery Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM92A50MWV Datasheet(HTML) 11 Page - Rohm

Back Button BM92A50MWV Datasheet HTML 7Page - Rohm BM92A50MWV Datasheet HTML 8Page - Rohm BM92A50MWV Datasheet HTML 9Page - Rohm BM92A50MWV Datasheet HTML 10Page - Rohm BM92A50MWV Datasheet HTML 11Page - Rohm BM92A50MWV Datasheet HTML 12Page - Rohm BM92A50MWV Datasheet HTML 13Page - Rohm BM92A50MWV Datasheet HTML 14Page - Rohm BM92A50MWV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/31
TSZ02201-0232AA000470-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Sep.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BM92A50MWV
4.7.
Power Supply Management
4.7.1. Outline
This LSI has a power selector. It select the lowest power supply voltage from VSVR, VEX, or VB for low power consumption.
Internal Power Supply (VCCIN) gives priority in order of VSVR, VEX, and VB. VCCIN supplied from the power selector is
used to LSI main power source. LDOs (for internal only) are supplied from VCCIN, and output each internal supply voltage.
Each power supply input have UVLO and OVLO. And POR (power on reset) signal is generated from detection of
LDO28OK, LDO15DOK, LDO15AOK, and VCCIN.
VSVR
VEX
VB
VCCIN
UVLO/OVLO
Detection
Internal
Power
Supply
POR
POR
signal
LDO
LDO
LDO
LDO28CAP
LDO15DCAP
LDO15ACAP
LDO28OK
LDO15DOK
LDO15AOK
Internal
Power
Supply
UVLO
/OVLO
signal
VDDIO
VDDIO
detection
signal
DET
VBUS
VEX
VSVR
VCCIN
0V
5 to 20V
0V
5 to 20V
0V
5V
0V
VBUS
VEX
VSVR
Figure 4-1 Power Supply Management Block Diagram and Timing Chart


Similar Part No. - BM92A50MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV-Z ROHM-BM92A50MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
More results

Similar Description - BM92A50MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com