Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD65499MUV Datasheet(PDF) 2 Page - Rohm

Part # BD65499MUV
Description  1-2ch Lens Drivers for SLRs (Single-lens Reflex)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD65499MUV Datasheet(HTML) 2 Page - Rohm

  BD65499MUV Datasheet HTML 1Page - Rohm BD65499MUV Datasheet HTML 2Page - Rohm BD65499MUV Datasheet HTML 3Page - Rohm BD65499MUV Datasheet HTML 4Page - Rohm BD65499MUV Datasheet HTML 5Page - Rohm BD65499MUV Datasheet HTML 6Page - Rohm BD65499MUV Datasheet HTML 7Page - Rohm BD65499MUV Datasheet HTML 8Page - Rohm BD65499MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Datasheet
Datasheet
2/22
TSZ02201-0H3H0B600320-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3.AUG.2012 Rev.001
www.rohm.com
TSZ22111・15・001
BD65499MUV
●Block Diagram / Application Example
INN
VCC
OUTA
OUTB
H-Bridge
VP
PGND
SWO
LOGIC
VBAT
ERR
REG1.8V
VCC
ERROUT
OSC
CURRENT SENSE
ERRIN
Power Good
PS
Power-saving
Comparator
Controller
GND
Amp
AMPOUT
STATE
INP
INA
INB
Power Good
TSD & UVLOVCC2
VCC
Serial data
Serial data setting
for soft start
5BIT
DAC
Serial data
OUTPUT
CONTROL
cl
TSD & UVLOVCC1 & UVLOVCC2
SDATA
SEN
SCLK
Serial
Interface
Serial data
Level Shift
&
Pre Driver
Level Shift
&
Pre Driver
CLCANCEL
1.8~3.3V
INPUT
Serial data
cl
PWM
10µH
100pF
3.3k
0.022µF
1.3k
1.8V OVP
Serial data
N.C.
BandGap
Controller
1~100µF
1~100µF
1.8~3.3V
INPUT
Power-saving
H : Active
L : Stand-by
Bypass filter capacitor
for power supply input
Bypass filter capacitor
for power supply input
3-wired serial
interface
STATE signal
logic output
Amp output
Amp input
Motor
control input
21
18
19
20
17
16
15
13
24
26
28
27
22
23
25
11
14
12
10
9
1
2
3
6
4
5
7
8
Figure 1. Block diagram


Similar Part No. - BD65499MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV-E2 ROHM-BD65491FV-E2 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD65491FV ROHM-BD65491FV_15 Datasheet
1Mb / 18P
   Single H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD65499MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6376GUL ROHM-BD6376GUL Datasheet
619Kb / 14P
   1-2ch Lens Drivers for SLRs(Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com