Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8256EFV-M Datasheet(PDF) 10 Page - Rohm

Part # BD8256EFV-M
Description  9ch System Motor Driver For Car AV
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8256EFV-M Datasheet(HTML) 10 Page - Rohm

Back Button BD8256EFV-M_16 Datasheet HTML 6Page - Rohm BD8256EFV-M_16 Datasheet HTML 7Page - Rohm BD8256EFV-M_16 Datasheet HTML 8Page - Rohm BD8256EFV-M_16 Datasheet HTML 9Page - Rohm BD8256EFV-M_16 Datasheet HTML 10Page - Rohm BD8256EFV-M_16 Datasheet HTML 11Page - Rohm BD8256EFV-M_16 Datasheet HTML 12Page - Rohm BD8256EFV-M_16 Datasheet HTML 13Page - Rohm BD8256EFV-M_16 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10/49
TSZ02201-0G1G0BK00030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.Apr.2016 Rev.004
www.rohm.com
TSZ22111・15・001
BD8256EFV-M
◆ Control register
1. Input / Output Sequence
When writing data to the control register, enter the register address in the first 7 bits of the SDI input, then set the 1bit R/W
to 0 and enter the data of each setting in the last 8 bits. SDO is Hi-Z when R/W=0.
When reading data from the control register, enter the register address in the first 7 bits of the SDI input, then set the 1 bit
R/W to 1. The last 8 bits are ignored. When R/W=1, 8-bit data of specified address is output to the SDO.
SLV
SCLK
SDO
Hi-Z
SDI
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
A6
A5
Figure 7. Control Register 8 bit Write Sequence (A6, A5=1,1, R/W= 0)
SLV
SCLK
Hi-Z
D6
D5
D4
D3
D2
D1
D0
D7
SDO
SDI
A4
A3
A2
A1
A0
R/W
A6
A5
Figure 8. Control Register 8 bit Read Sequence (A6, A5=1,1, R/W= 1)
2. Address Map
Control Register Address Map
REG
NAME
R/W
D7
D6
D5
D4
D3
D2
D1
D0
70h
OUTPUT
_EN1
R/W
FCTL1
_OUTEN
FCTL2
_OUTEN
TK
_OUTEN
SL
_OUTEN
SA
_OUTEN
SP
_OUTEN
LD
_OUTEN
N/A
71h
-
-
-
-
-
-
-
-
-
-
72h
POWER
_SAVE1
R/W
FCTL1
_PSB
FCTL2
_PSB
TK
_PSB
SL
_PSB
SA
_PSB
SP
_PSB
LD
_PSB
N/A
73h
-
-
-
-
-
-
-
-
-
-
74h
DRIVER
_SET
R/W
N/A
SP
_BRAKE
GAIN
_SELFCTL
GAIN
_SELTK
DIFF
_FCTL
LD
_BRAKE
GAIN
_SELLD
N/A
75h
RESET
W
RST
_DAC
RST
_CTLREG
RST
_PKTERR
RST
_PKTSTOP
RST
_OCP
RST
_SHORT
N/A
N/A
76h
PKT
_TIME
R/W
N/A
N/A
PKTSTOP
_TIME1
PKTSTOP
_TIME0
N/A
N/A
N/A
N/A
77h
STATUS
_FLAG1
R
ALL
_ERR
OCP
_FCTL
OCP
_TK
SHORT
_LD
TSD
PKT
_ERR
PKT
_STOP
UVLO
_VCC
78h
TEST0
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
79h
TEST1
R/W
Reserved
Reserved
Reserved
Reserved
Reserved
N/A
N/A
N/A
7Ah
TEST2
R/W
N/A
N/A
Reserved
N/A
Reserved
Reserved
Reserved
N/A
7Bh
RST
_CHECK
R/W
RST
_CHECKA
RST
_CHECKB
N/A
N/A
N/A
N/A
N/A
N/A
7Ch
-
-
-
-
-
-
-
-
-
-
7Dh
-
-
-
-
-
-
-
-
-
-
7Eh
-
-
-
-
-
-
-
-
-
-
7Fh
-
-
-
-
-
-
-
-
-
-
Write access to "Reserved" bits should be made by "0" input.
Read access to "N/A" bits will return "0".


Similar Part No. - BD8256EFV-M_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
More results

Similar Description - BD8256EFV-M_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
BD8253EFV-M ROHM-BD8253EFV-M Datasheet
3Mb / 41P
   6ch System Motor Driver for Car AV
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
logo
Rohm
BD64547MUV ROHM-BD64547MUV Datasheet
1Mb / 39P
   System Motor Driver
BD64008MUV ROHM-BD64008MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com