Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8229EFV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD8229EFV-E2
Description  4ch System Motor Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8229EFV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD8229EFV-E2 Datasheet HTML 6Page - Rohm BD8229EFV-E2 Datasheet HTML 7Page - Rohm BD8229EFV-E2 Datasheet HTML 8Page - Rohm BD8229EFV-E2 Datasheet HTML 9Page - Rohm BD8229EFV-E2 Datasheet HTML 10Page - Rohm BD8229EFV-E2 Datasheet HTML 11Page - Rohm BD8229EFV-E2 Datasheet HTML 12Page - Rohm BD8229EFV-E2 Datasheet HTML 13Page - Rohm BD8229EFV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
BD8229EFV
10/13
TSZ02201-0H5H0BK01510-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Operational Notes
– continued
12.
Regarding the Input Pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them
isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a
parasitic diode or transistor. For example (refer to figure below):
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to
operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should
be avoided.
Figure 2. Example of monolithic IC structure
13.
Area of Safe Operation (ASO)
Operate the IC such that the output voltage, output current, and power dissipation are all within the Area of Safe
Operation (ASO).
14.
Thermal Shutdown Circuit(TSD)
This IC has a built-in thermal shutdown circuit that prevents heat damage to the IC. Normal operation should always
be within the IC’s power dissipation rating. If however the rating is exceeded for a continued period, the junction
temperature (Tj) will rise which will activate the TSD circuit that will turn OFF all output pins. When the Tj falls below
the TSD threshold, the circuits are automatically restored to normal operation.
Note that the TSD circuit operates in a situation that exceeds the absolute maximum ratings and therefore, under no
circumstances, should the TSD circuit be used in a set design or for any purpose other than protecting the IC from
heat damage.
15.
Capacitor Between Output and Ground
If a large capacitor is connected between the output pin and ground pin, current from the charged capacitor can flow
into the output pin and may destroy the IC when the VCC or IN pin is shorted to ground or pulled down to 0V. Use a
capacitor smaller than 0.1
μF between output and ground.
TSD ON temperature [°C] (typ)
Hysteresis temperature [°C] (typ)
175
25
N
N
P
+
P
N
N
P
+
P Substrate
GND
N
P
+
N
N
P
+
N P
P Substrate
GND
GND
Parasitic
Elements
Pin A
Pin A
Pin B
Pin B
B
C
E
Parasitic
Elements
GND
Parasitic
Elements
C
B
E
Transistor (NPN)
Resistor
N Region
close-by
Parasitic
Elements


Similar Part No. - BD8229EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8229EFV-E2 ROHM-BD8229EFV-E2 Datasheet
490Kb / 12P
   4ch System Motor Driver IC
More results

Similar Description - BD8229EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD6640KVT ROHM-BD6640KVT Datasheet
318Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
BD6640KUT ROHM-BD6640KUT Datasheet
306Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD6641KUT ROHM-BD6641KUT Datasheet
222Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
BD6643KN ROHM-BD6643KN Datasheet
316Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
logo
Princeton Technology Co...
PT5115 PTC-PT5115 Datasheet
205Kb / 3P
   4CH DSC Motor Driver
logo
KODENSHI_AUK CORP.
S3045 KODENSHI-S3045 Datasheet
537Kb / 14P
   4CH BTL Motor Drive IC
logo
Renesas Technology Corp
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com