Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD8205EFV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD8205EFV-E2
Description  5ch System Motor Driver for Car AV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8205EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD8205EFV-E2 Datasheet HTML 3Page - Rohm BD8205EFV-E2 Datasheet HTML 4Page - Rohm BD8205EFV-E2 Datasheet HTML 5Page - Rohm BD8205EFV-E2 Datasheet HTML 6Page - Rohm BD8205EFV-E2 Datasheet HTML 7Page - Rohm BD8205EFV-E2 Datasheet HTML 8Page - Rohm BD8205EFV-E2 Datasheet HTML 9Page - Rohm BD8205EFV-E2 Datasheet HTML 10Page - Rohm BD8205EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
• 15 • 001
7/19
TSZ02201-0P5P0BK00810-1-2
04.Dec.2014 Rev.001
BD8205EFV-M
Typical Performance Curves
Figure 8. CH4 Closed Circuit Loop Gain: GV45
Figure 9. CH5 Closed Circuit Loop Gain: GV45
Figure 10. VREG Voltage:VVREG
15
16
17
18
19
20
-50
-25
0
25
50
75
100
Ta [℃]
15
16
17
18
19
20
-50
-25
0
25
50
75
100
Ta [℃]
3.5
4.0
4.5
5.0
5.5
6.0
6.5
-50
-25
0
25
50
75
100
Ta [℃]
VPOWVCC1,2=8V
VMUTE3=VMUTE1245=3.3V
VBIAS=1.65V
VIN4=VBIAS+0.1V
Ta=-40℃ to 85℃
VPOWVCC1,2=8V
VMUTE3=VMUTE1245=3.3V
VBIAS=1.65V
VIN5=VBIAS+0.1V
Ta=-40℃ to 85℃
VPOWVCC1,2=8V
VMUTE3=VMUTE1245=3.3V
VBIAS=1.65V
VIN4=VBIAS
Ta=-40℃ to 85℃


Similar Part No. - BD8205EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD8205EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8253EFV-M ROHM-BD8253EFV-M Datasheet
3Mb / 41P
   6ch System Motor Driver for Car AV
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8256EFV-M ROHM-BD8256EFV-M_16 Datasheet
3Mb / 53P
   9ch System Motor Driver For Car AV
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
BD6603KVT ROHM-BD6603KVT Datasheet
202Kb / 6P
   5ch Sensorless System Motor Driver for MD
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com