Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6889GU-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD6889GU-E2
Description  7-Channel System Lens Driver for Digital Still Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6889GU-E2 Datasheet(HTML) 2 Page - Rohm

  BD6889GU-E2 Datasheet HTML 1Page - Rohm BD6889GU-E2 Datasheet HTML 2Page - Rohm BD6889GU-E2 Datasheet HTML 3Page - Rohm BD6889GU-E2 Datasheet HTML 4Page - Rohm BD6889GU-E2 Datasheet HTML 5Page - Rohm BD6889GU-E2 Datasheet HTML 6Page - Rohm BD6889GU-E2 Datasheet HTML 7Page - Rohm BD6889GU-E2 Datasheet HTML 8Page - Rohm BD6889GU-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/17
TSZ02201-0H3H0B601390-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6889GU
09.Dec.2015 Rev.001
R2
VM4
OUT6A
OUT6B
PS
OUT1A
OUT1B
OUT2A
OUT2B
H bridge
Full ON
H bridge
Full ON
M
IN1A
BandGap
TSD & UVLO
C7
H2
H3
H7
H6
VM1
H5
PGND1
H4
OUT3A
OUT3B
OUT4A
OUT4B
H bridge
Full ON
H bridge
Full ON
M
G8
F8
B8
C8
D8
PGND2
E8
VM2
IN1B
L
o
g
i
c
1
2
E3
E4
IN2A
IN2B
F3
G3
L
o
g
i
c
1
2
IN3B
F6
F7
IN4A
IN4B
E6
E5
IN3A
L
o
g
i
c
3
4
Bypass filter capacitor for
power supply
Bypass filter capacitor for
power supply
Power Saving
H :Active
L : Stand-by
Motor control input
Motor control input
Bypass filter capacitor for
power supply
RNF
0.1Ω to 5.0Ω
OUT7A
OUT7B
H bridge
Const. Current
C1
G1
E1
IN7A C4
IN7B D4
L
o
g
i
c
7
SENSE
F1
G2
Motor control input
When using the VREF voltage (0.9V)
resistor division value as VLIM input
value, select R1 and R2 values, as
follows
1kΩ ≤ R1+R2 ≤ 20k
Power Save
OUT5A
OUT5B
H bridge
Full ON
H bridge
Full ON
M
A7
A6
A2
A3
A4
PGND3
A5
VM3
IN5B
C6
D5
IN6A
IN6B
B3
B4
IN5A
L
o
g
i
c
5
6
Bypass filter capacitor for
power supply
Motor control input
D1
GND
The sensor signal SI2, for lens position
detection, is reshaped and output to SO2x
VCC
1µF to 100µF
D2
Bypass filter capacitor for
power supply
Level Shift
&
Pre Driver
Level Shift
&
Pre Driver
Level Shift
&
Pre Driver
The motor output current is
converted to a voltage with the
external
RNF
resistor
and
transmitted to the SENSE pin.
IOUT[A] = VVLIM[V]÷RRNF[Ω]
VLIM
F2
VREF
VREF
D3
R1
VCC
VCC
VCC
SW
SW
SO1N
F4
SO1P
G4
G5
SI1
VCC
VCC
VCC
SW
SW
SO2N
F5
SO2P
G6
G7
SI2
VCC
VCC
VCC
SW
SW
SO3N
D6
SO3P
D7
E7
SI3
VCC
VCC
VCC
SW
SW
SO4P
B5
SO4N
B6
SI4
C5
REG
REG
REG
REG
Level Shift
&
Pre Driver
VCC
SW
C2
REG
B7
DSEL1
DSEL2
E2
C3
B2
DSW
DTR Selector
Digital
transistor SW
Selector for digital
transistor
REG switch
H : REG ON
L : REG OFF
Power supply for photo
interrupter
The sensor signal SI1, for lens position
detection, is reshaped and output to SO1x
The sensor signal SI3, for lens position
detection, is reshaped and output to SO3x
Logic7
Logic56
Logic34
Logic12
1µF to 100µF
1µF to 100µF
1µF to 100µF
1µF to 100µF
Typical Application Circuit
The sensor signal SI4, for lens position
detection, is reshaped and output to SO4x


Similar Part No. - BD6889GU-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6889GU ROHM-BD6889GU Datasheet
389Kb / 6P
   7ch Stepping Motor Driver
BD6889GU ROHM-BD6889GU Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results

Similar Description - BD6889GU-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com