Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6758MWV Datasheet(PDF) 2 Page - Rohm

Part # BD6758MWV
Description  5-Channel System Lens Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6758MWV Datasheet(HTML) 2 Page - Rohm

  BD6758MWV Datasheet HTML 1Page - Rohm BD6758MWV Datasheet HTML 2Page - Rohm BD6758MWV Datasheet HTML 3Page - Rohm BD6758MWV Datasheet HTML 4Page - Rohm BD6758MWV Datasheet HTML 5Page - Rohm BD6758MWV Datasheet HTML 6Page - Rohm BD6758MWV Datasheet HTML 7Page - Rohm BD6758MWV Datasheet HTML 8Page - Rohm BD6758MWV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
.
2/16
TSZ02201-0H3H0B601360-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.co.jp
09.Dec.2015 Rev.001
BD6758MWV
BD6758KN
Typical Application Circuit
The output current is converted to a voltage with the RNF
external resistor and transmitted to the SENSE pin.
IOUT[A] = VLIM[V]÷RRNF[Ω]
PS
VCC
1µF to 100µF
OUT1A
OUT1B
Level Shift
&
Pre Driver
OUT2A
OUT2B
H bridge
Full ON
H bridge
Full ON
M
IN1A
BandGap
TSD & UVLO
35
4
29
30
33
34
Power Save
1µF to 100µF
VM1
31
PGND1
32
OUT3A
OUT3B
Level Shift
&
Pre Driver
OUT4A
OUT4B
H bridge
Full ON
H bridge
Full ON
M
12
13
16
17
1µF to 100µF
14
PGND2
15
VM2
IN1B
L
o
g
i
c
1
2
36
1
IN2A
IN2B
2
3
SEL1 28
Logic12
IN3B
6
7
IN4A
IN4B
8
9
IN3A
Bypass filter Capacitor for
power supply input.
Bypass filter Capacitor for
power supply input.
Bypass filter Capacitor for
power supply input.
Power-saving
H : Active
L : Standby
Motor control input
Drive mode selection
L : EN/IN
H : IN/IN
Motor control input
Drive mode selection
L : EN/IN
H : IN/IN
RNF
0.1
Ω to 5.0Ω
OUT5A
OUT5B
H bridge
Const. Current
21
25
23
1µF to 100µF
VM3
24
EN1 27
IN5 26
Logic5
SENSE
22
GND
5
VREF
VREF
20
Bypass filter Capacitor for
power supply input.
Motor control input
VLIM
19
R1
R2
When using the VREF voltage (1.2V) resistance division
value as VLIM input value, select R1 and R2 values such
that,
2k
Ω ≤ R1+R2 ≤ 20kΩ
Level Shift
&
Pre Driver
SEL2 18
BRK1
BRK2
10
11
Logic34
Motor control input
brake function
H : Brake


Similar Part No. - BD6758MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6758MWV ROHM-BD6758MWV Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758MWV ROHM-BD6758MWV Datasheet
347Kb / 5P
   Silicon Monolithic Integrated Circuits
BD6758MWV ROHM-BD6758MWV Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
More results

Similar Description - BD6758MWV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6370GUL ROHM-BD6370GUL_15 Datasheet
4Mb / 36P
   5-Channel System Lens Driver
BD6753KV ROHM-BD6753KV_15 Datasheet
1Mb / 20P
   6-Channel System Lens Driver
BD6373GW ROHM-BD6373GW_15 Datasheet
1Mb / 16P
   6-Channel System Lens Driver
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com