Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6753KV Datasheet(PDF) 2 Page - Rohm

Part # BD6753KV
Description  6-Channel System Lens Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6753KV Datasheet(HTML) 2 Page - Rohm

  BD6753KV_15 Datasheet HTML 1Page - Rohm BD6753KV_15 Datasheet HTML 2Page - Rohm BD6753KV_15 Datasheet HTML 3Page - Rohm BD6753KV_15 Datasheet HTML 4Page - Rohm BD6753KV_15 Datasheet HTML 5Page - Rohm BD6753KV_15 Datasheet HTML 6Page - Rohm BD6753KV_15 Datasheet HTML 7Page - Rohm BD6753KV_15 Datasheet HTML 8Page - Rohm BD6753KV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/16
TSZ02201-0H3H0B601380-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6753KV
09.Dec.2015 Rev.001
Typical Application Circuit
Bypass filter Capacitor for
power supply
Bypass
filter
Capacitor
for
power supply
Bypass filter Capacitor for
power supply
Bypass
filter
Capacitor
for
power supply
Bypass
filter
Capacitor
for
power supply
Power-saving
H : Active
L : Standby
Motor control input
Motor control input
Motor control input
Serial control input
The output current is converted to
a voltage with the RNF4 external
resistor and transmitted to the
SENSE4 pin.
IOUT[A] = VVLIM6[V]÷RRNF4[Ω]
When using the VREF voltage (0.9V) resistance division
value as VLIM5 and VLIM6 input value, select R1, R2, and
R3 values such that,
1k
Ω≤R1+R2+R3≤20kΩ
This CR timer determines the
OFF time for the PWM drive.
5k
Ω≤RCR2≤50kΩ
10pF
≤CCR2≤2200pF
This CR timer determines the
off time for the PWM drive.
5k
Ω≤RCR1≤50kΩ
10pF
≤CCR1≤2200pF
Connecting 0.01μF to 0.1μF capacitors between the CP1 and CP2, CP3 and
CP4, and VG and GND pins generate a VG voltage of approximately VM1 +
(VCC x 2). Use caution to ensure that the voltage difference between VG and
VM is 4.5V or higher, and that the VG voltage does not exceed the absolute
maximum rating of 18V, especially BST voltage direct input.
The output current is converted to
a voltage with the RNF3 external
resistor and transmitted to the
SENSE3 pin.
IOUT[A] = VVLIM5[V]÷RRNF3[Ω]
VCC
1µF to 100µF
OUT1A
OUT1B
Level Shift
&
Pre Driver
OUT2A
OUT2B
H bridge
Full ON
H bridge
Full ON
M
CLK
STROBE
DATA
BandGap
TSD & UVLO
33
32
31
9
41
43
46
48
1µF to 100µF
VM1
45
RNF1
47
OUT3A
OUT3B
Level Shift
&
Pre Driver
OUT4A
OUT4B
H bridge
Full ON
H bridge
Full ON
M
13
15
18
20
17
RNF2
19
VM2
Charge Pump
Charge Pump
CP1
4
CP2
5
CP3
6
CP4
7
VG
8
OUT5A
OUT5B
21
24
1µF to 100µF
25
RNF4
0.1
Ω to 5.0Ω
OUT6B
H bridge
PWM C. Current
37
40
39
VM3
Level Shift
&
Pre Driver
36
VM4
OUT6A
SENSE4
38
RNF3
0.1
Ω to 5.0Ω
22
SENSE3
23
H bridge
PWM C. Current
C.
VREF
PWM LATCH
PWM LATCH
0.1
μF
0.1
μF
VG
VG
VG
L
o
g
i
c
4
5
PS
PWM1
28
Power Save
PWM2
2
3
PWM4
10
11
PWM3
PWM6
12
1
PWM5
Logic56
Logic12
Logic34
Serial
Interface
44
42
16
14
30
29
34
R2
R3
R1
VLIM5
VLIM6
26
35
27
RCR2
CCR2
RCR1
CCR1
VREF
CR2
CR1
GND
VREF
0.1
μF
OSC
1µF to 100µF
1µF to 100µF


Similar Part No. - BD6753KV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6753KV ROHM-BD6753KV Datasheet
333Kb / 6P
   6ch Stepping Motor Driver
BD6753KV ROHM-BD6753KV Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results

Similar Description - BD6753KV_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6373GW ROHM-BD6373GW_15 Datasheet
1Mb / 16P
   6-Channel System Lens Driver
BD6758MWV ROHM-BD6758MWV_15 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
BD6370GUL ROHM-BD6370GUL_15 Datasheet
4Mb / 36P
   5-Channel System Lens Driver
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com