Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6370GUL-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD6370GUL-E2
Description  5-Channel System Lens Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6370GUL-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD6370GUL-E2 Datasheet HTML 4Page - Rohm BD6370GUL-E2 Datasheet HTML 5Page - Rohm BD6370GUL-E2 Datasheet HTML 6Page - Rohm BD6370GUL-E2 Datasheet HTML 7Page - Rohm BD6370GUL-E2 Datasheet HTML 8Page - Rohm BD6370GUL-E2 Datasheet HTML 9Page - Rohm BD6370GUL-E2 Datasheet HTML 10Page - Rohm BD6370GUL-E2 Datasheet HTML 11Page - Rohm BD6370GUL-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8/32
TSZ02201-0H3H0B601350-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6370GUL
09.Dec.2015 Rev.001
Typical Performance Curves (Reference Data)
Figure 1.
Circuit Current vs Power Supply Voltage
Figure 2.
Output ON-Resistance vs Motor Power Supply Voltage
(Channel 1 to Channel 3)
Figure 3.
Output ON-Resistance vs Motor Power Supply Voltage
(Channel 4 & Channel 5)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Power Supply Voltage : VCC [V]
Top
85°C
Mid
25°C
Low -25°C
Operating range
(2.7V to 5.5V)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Motor Power Supply Voltage : VM [V]
Top
85°C
Mid
25°C
Low -25°C
Operating range
(2.7V to 5.5V)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Motor Power Supply Voltage : VM [V]
Top
85°C
Mid
25°C
Low -25°C
Operating range
(2.7V to 5.5V)


Similar Part No. - BD6370GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
More results

Similar Description - BD6370GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6758MWV ROHM-BD6758MWV_15 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
BD6753KV ROHM-BD6753KV_15 Datasheet
1Mb / 20P
   6-Channel System Lens Driver
BD6373GW ROHM-BD6373GW_15 Datasheet
1Mb / 16P
   6-Channel System Lens Driver
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com