Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6370GUL Datasheet(PDF) 11 Page - Rohm

Part # BD6370GUL
Description  5-Channel System Lens Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6370GUL Datasheet(HTML) 11 Page - Rohm

Back Button BD6370GUL Datasheet HTML 7Page - Rohm BD6370GUL Datasheet HTML 8Page - Rohm BD6370GUL Datasheet HTML 9Page - Rohm BD6370GUL Datasheet HTML 10Page - Rohm BD6370GUL Datasheet HTML 11Page - Rohm BD6370GUL Datasheet HTML 12Page - Rohm BD6370GUL Datasheet HTML 13Page - Rohm BD6370GUL Datasheet HTML 14Page - Rohm BD6370GUL Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11/32
TSZ02201-0H3H0B601350-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
BD6370GUL
09.Dec.2015 Rev.001
Timing chart
– continued
Table 4. DATA BIT MAP [000]
ADR.
DATA BIT
Bit[B]
Bit[A]
Bit[9]
Bit[8]
Bit[7]
Bit[6]
Bit[5]
Bit[4]
Bit[3]
Bit[2]
Bit[1]
Bit[0]
000
TEST
(Note 5)
TEST
(Note 5)
MODE
45
MODE
34
MODE
23
MODE
13
MODE
3C
MODE
3B
MODE
3A
MODE
12C
MODE
12B
MODE
12A
(Note 5) Must be held at 0 (GND)
Refer to the p.19/32 to p.21/32 about MODE12A & MODE12B.
Refer to the p.20/32 about MODE3A & MODE3B.
Table 5. I/O Truth Table for Drive Mode Selection (Channel 1 to Channel 3)
Bit[5]
Bit[2]
Drive Mode for Output Terminals
Note
MODE3C
MODE12C
Channel 3
Channel 2
Channel 1
0
-
Full-ON
-
-
DAC3:
6’b111111
1
-
Constant-Voltage
-
-
-
0
-
Full-ON
Full-ON
DAC12:
6’b111111
-
1
-
Constant-Voltage
Constant-Voltage
Table 6. I/O Truth Table for Exclusive Drive Mode Selection
Bit[9]
Bit[8]
Bit[7]
Bit[6]
Input Pins Correspond to Outputs
Note
MODE
45
MODE
34
MODE
23
MODE
13
INPUT
45
INPUT
34
INPUT
2
INPUT
1
Opened Output Terminals
Ref
No.
(Next)
0
0
0
0
OUT
4A-4B
OUT
3A-3B
OUT
2A-2B
OUT
1A-1B
OUT5A, 5B
1
0(Note 6)
0
0
1
0(Note 6)
0
1
0
0(Note 6)
0
1
1
0
1
0
0
OUT
5A-5B
OUT
4A-4B
OUT
2A-2B
OUT
1A-1B
OUT3A, 3B
2
0
1
0
1
OUT
5A-5B
OUT
4A-4B
OUT
2A-2B
OUT
1A-3A
OUT1B, 3B
3
0
1
1
0
OUT
5A-5B
OUT
4A-4B
OUT
2A-3B
OUT
1A-1B
OUT2B, 3A
4
0
1
1
1
OUT
5A-5B
OUT
4A-4B
OUT
2A-3B
OUT
1A-3A
OUT1B, 2B
5
1
0
0
0
OUT
5A-5B
OUT
3A-3B
OUT
2A-2B
OUT
1A-1B
OUT4A, 4B
6
1(Note 6)
0
0
1
1(Note 6)
0
1
0
1(Note 6)
0
1
1
1(Note 6)
1
0
0
1(Note 6)
1
0
1
1(Note 6)
1
1
0
1(Note 6)
1
1
1
(Note 6) Must not set data


Similar Part No. - BD6370GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
More results

Similar Description - BD6370GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6758MWV ROHM-BD6758MWV_15 Datasheet
1Mb / 20P
   5-Channel System Lens Driver
BD6753KV ROHM-BD6753KV_15 Datasheet
1Mb / 20P
   6-Channel System Lens Driver
BD6373GW ROHM-BD6373GW_15 Datasheet
1Mb / 16P
   6-Channel System Lens Driver
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com