Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6360GUL Datasheet(PDF) 8 Page - Rohm

Part # BD6360GUL
Description  Parallel Interface Type Lens Driver for Stepping Motor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6360GUL Datasheet(HTML) 8 Page - Rohm

Back Button BD6360GUL_15 Datasheet HTML 4Page - Rohm BD6360GUL_15 Datasheet HTML 5Page - Rohm BD6360GUL_15 Datasheet HTML 6Page - Rohm BD6360GUL_15 Datasheet HTML 7Page - Rohm BD6360GUL_15 Datasheet HTML 8Page - Rohm BD6360GUL_15 Datasheet HTML 9Page - Rohm BD6360GUL_15 Datasheet HTML 10Page - Rohm BD6360GUL_15 Datasheet HTML 11Page - Rohm BD6360GUL_15 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BD6360GUL
8/14
TSZ02201-0H3H0B101420-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
09.Dec.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Application Example
Selection of Components Externally Connected
When using the circuit with changes to the external circuit constants, make sure to leave an adequate margin for external
components including static and transitional characteristics as well as dispersion of the IC.
Bypass filter Capacitor for
power supply
PS
VCC
1µF to 100µF
OUT1A
OUT1B
IN1A
BandGap
TSD & UVLO
4D
3D
4B
1D
1C
Power Save
Level Shift
&
Pre Driver
IN1B 2C
SEL 4C
H-Bridge
Full ON
GND
OUT2A
OUT2B
1B
1A
2D
H-Bridge
Full ON
3B
3C
Level Shift
&
Pre Driver
COUT
IN2A
IN2B
BIAS
CIN
Logic
Logic
VCC
VREF
3A
2A
4A
VCC
Comparator
output
for
converting to sharp waveform
Comparator
input
for
converting to sharp waveform
Regulator
for
photo-interrupter
-
+
Power-saving
H: Active
L: Stand-by
Motor control input
Motor control input
Selectable Drive Mode
H : IN/IN
L : EN/IN


Similar Part No. - BD6360GUL_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6360GUL ROHM-BD6360GUL_11 Datasheet
162Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6360GUL_15

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
logo
THine Electronics, Inc.
THM3561 THINE-THM3561 Datasheet
621Kb / 21P
   Stepping Motor Driver with LVDS Interface
logo
Panasonic Semiconductor
AN44067A-VF PANASONIC-AN44067A-VF Datasheet
1Mb / 61P
   Driver IC for Stepping Motor
AN44069A PANASONIC-AN44069A Datasheet
528Kb / 27P
   Driver IC for Stepping Motor
AN44066A-VF PANASONIC-AN44066A-VF Datasheet
1Mb / 53P
   Driver IC for Stepping Motor
AN44071A-VF PANASONIC-AN44071A-VF Datasheet
1Mb / 68P
   Driver IC for Stepping Motor
AN44063A PANASONIC-AN44063A Datasheet
300Kb / 11P
   Driver IC for Stepping Motor
AN44066A PANASONIC-AN44066A Datasheet
555Kb / 29P
   Driver IC for Stepping Motor
AN44067A PANASONIC-AN44067A Datasheet
375Kb / 18P
   Driver IC for stepping motor
AN44065A PANASONIC-AN44065A Datasheet
448Kb / 1P
   Driver IC for Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com