Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC161ADTR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HC161ADTR2
Description  Presettable Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC161ADTR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HC161ADTR2 Datasheet HTML 1Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 2Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 3Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 4Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 5Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 6Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 7Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 8Page - ON Semiconductor MC74HC161ADTR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2001
June, 2001 – Rev. 9
1
Publication Order Number:
MC74HC161A/D
MC74HC161A,
MC74HC163A
Presettable Counters
High–Performance Silicon–Gate CMOS
The MC74HC161A and HC163A are identical in pinout to the
LS161 and LS163. The device inputs are compatible with standard
CMOS outputs; with pull–up resistors, they are compatible with
LSTTL outputs.
The HC161A and HC163A are programmable 4–bit binary counters
with asynchronous and synchronous reset, respectively.
Output Drive Capability: 10 LSTTL Loads
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 2.0 to 6.0 V
Low Input Current: 1.0 mA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 192 FETs or 48 Equivalent Gates
Inputs
Output
Clock
Reset*
Load
Enable P
Enable T
Q
L
X
X
X
Reset
H
L
X
X
Load Preset Data
H
H
H
H
Count
H
H
L
X
No Count
H
H
X
L
No Count
FUNCTION TABLE
*HC163A only. HC161A is an Asynchronous Reset Device
H = high level, L = low level, X = don’t care
Figure 1. Pin Assignment
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
RESET
P0
CLOCK
GND
Q1
Q0
RIPPLE
CARRY OUT
VCC
P1
P2
P3
ENABLE P
Q2
Q3
ENABLE T
LOAD
2500/Reel
SOIC–16
MC74HC161ADR2
SO–16
D SUFFIX
CASE 751B
1
16
PDIP–16
N SUFFIX
CASE 648
1
16
1
16
MC74HC16xAN
AWLYYWW
1
16
HC16xA
AWLYWW
x
= 1 or 3
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
TSSOP–16
DT SUFFIX
CASE 948F
1
16
HC
16xA
ALYW
1
16
http://onsemi.com
MARKING
DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
MC74HC161AN
PDIP–16
2000/Box
MC74HC161AD
SOIC–16
48/Rail
MC74HC161ADT
TSSOP–16
96/Rail
MC74HC161ADTR2
TSSOP–16
2500/Reel
2500/Reel
SOIC–16
MC74HC163ADR2
MC74HC163AN
PDIP–16
2000/Box
MC74HC163AD
SOIC–16
48/Rail
MC74HC163ADT
TSSOP–16
96/Rail
MC74HC163ADTR2
TSSOP–16
2500/Reel


Similar Part No. - MC74HC161ADTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161ADTR2 ONSEMI-MC74HC161ADTR2 Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161ADTR2G ONSEMI-MC74HC161ADTR2G Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
More results

Similar Description - MC74HC161ADTR2

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
System Logic Semiconduc...
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
   Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com