Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC141555 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC141555
Description  USB Hub Controller CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141555 Datasheet(HTML) 3 Page - Motorola, Inc

  MC141555 Datasheet HTML 1Page - Motorola, Inc MC141555 Datasheet HTML 2Page - Motorola, Inc MC141555 Datasheet HTML 3Page - Motorola, Inc MC141555 Datasheet HTML 4Page - Motorola, Inc MC141555 Datasheet HTML 5Page - Motorola, Inc MC141555 Datasheet HTML 6Page - Motorola, Inc MC141555 Datasheet HTML 7Page - Motorola, Inc MC141555 Datasheet HTML 8Page - Motorola, Inc MC141555 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MC141555
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS Voltage Referenced to VSS
NOTE: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
tables or Pin Description section.
AC ELECTRICAL CHARACTERISTICS (VDD/VDD(A) = 5.0 V, VSS/VSS(A) = 0 V, TA = 25C,
Voltage Referenced to VSS)
FULL SPEED MODE CHARACTERISTICS
LOW SPEED MODE CHARACTERISTICS
Symbol
Characteristic
Value
Unit
VDD
Supply Voltage
- 0.3 to + 7.0
V
Vin
Input Voltage
VSS – 0.3 to
VDD + 0.3
V
Id
Current Drain per Pin Excluding VDD and VSS
25
mA
Ta
Operating Temperature Range
0 to 85
°C
Tstg
Storage Temperature Range
– 65 to + 150
°C
Symbol
Parameter
Conditions
Min
Max
Unit
tr
tf
Rise Time for DP/DM
Fall Time for DP/DM
Cload = 50 pF
Cload = 50 pF
4
4
20
20
ns
ns
tRFM
Rise/Fall Time Matching
(tr/tf) x 100
90
110
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
Symbol
Parameter
Conditions
Min
Max
Unit
tr
tf
Rise Time for DP/DM
Fall Time for DP/DM
Cload = 50 pF to 350 pF
Cload = 50 pF to 350 pF
75
75
300
300
ns
ns
tRFM
Rise/Fall Time Matching
(tr/tf) x 100
80
120
%
VCRS
Output Signal Crossover Voltage
1.3
2.0
V
This device contains protection circuitry to guard
against damage due to high static voltages or
electric fields. However, precautions must be
taken to avoid applications of any voltage higher
than maximum rated voltages to this high-imped-
ance circuit. For proper operation, Vin and Vout
should be constrained to the range VSS ≤ (Vin
or Vout) ≤ VDD.
Unused inputs must always be tied to an appro-
priate logic voltage level (e.g., either VSS or
VDD). Unused outputs must be left open.
90%
10%
tr
DP
DM
VOL
VOH
VCRS
90%
10%
tf
DM
Cload
Cload
R1
R1
R2
R2
R3
Data
R1 = 22
R2 = 15
R3 = 1.5
Figure 2. Differential Driver Switching Load
Figure 3. Differential Driver Switching Characteristics
k
k
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC141555

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
MC141556P FREESCALE-MC141556P Datasheet
323Kb / 18P
   USB Hub Controller CMOS
More results

Similar Description - MC141555

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com