Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC161ADR2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC161ADR2
Description  Presettable Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC161ADR2 Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC161ADR2 Datasheet HTML 1Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 2Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 3Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 4Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 5Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 6Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 7Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 8Page - ON Semiconductor MC74HC161ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC74HC161A, MC74HC163A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
VCC
V
–55 to 25
_C
v 85_C
v 125_C
Unit
VIH
Minimum High–Level
Input Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low–Level
Input Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| v 20 mA
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
VOH
Minimum High–Level
Output Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH or VIL |Iout| v 3.6 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.2
3.7
5.2
VOL
Maximum Low–Level
Output Voltage
Vin = VIH or VIL
|Iout| v 20 mA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL |Iout| v 3.6 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.4
0.4
0.4
Iin
Maximum Input
Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
Iout = 0 mA
6.0
4.0
40
160
mA
8. Information on typical parametric values can be found in the ON Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC161ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161ADR2 ONSEMI-MC74HC161ADR2 Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161ADR2G ONSEMI-MC74HC161ADR2G Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161ADR2G ONSEMI-MC74HC161ADR2G Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
More results

Similar Description - MC74HC161ADR2

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
System Logic Semiconduc...
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
   Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com