Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC68HC912D60C Datasheet(PDF) 8 Page - Motorola, Inc

Part No. MC68HC912D60C
Description  Microcontrollers
Download  460 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

 8 page
background image
Table of Contents
Technical Data
MC68HC912D60A — Rev 3.0
8
Table of Contents
MOTOROLA
Section 3. Pinout and Signal Descriptions
3.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.2
MC68HC912D60A Pin Assignments in 112-pin QFP . . . . . . . . 38
3.3
MC68HC912D60A Pin Assignments in 80-pin QFP . . . . . . . . . 40
3.4
Power Supply Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.5
Signal Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.6
Port Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Section 4. Registers
4.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
4.2
Register Block. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Section 5. Operating Modes and Resource Mapping
5.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
5.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
5.3
Operating Modes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
5.4
Background Debug Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
5.5
Internal Resource Mapping. . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
5.6
Memory Maps . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Section 6. Bus Control and Input/Output
6.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
6.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
6.3
Detecting Access Type from External Signals . . . . . . . . . . . . . 85
6.4
Registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Section 7. Flash Memory
7.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD703039V850/SV1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
UPD784915B16-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreNEC
COP8ACC58-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D 1 2 3 4 5 MoreNational Semiconductor (TI)
P83CL781Low voltage 8-bit microcontrollers with UART and I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
MSP430X11XMIXED SIGNAL MICROCONTROLLERS 1 2 3 4 5 MoreTI store
KS88C2416KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU a wide range of integrated peripherals and various mask-progr 1 2 3 4 5 MoreSamsung semiconductor
S3C8618S3C8618/C8615/P8615 MICROCONTROLLERS 1 2 3 4 5 MoreSamsung semiconductor
LC651204N4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC723732ETR Microcontrollers 1 2 3 4 5 MoreSanyo Semicon Device
GMS81C2112HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS 1 2 3 4 5 MoreHynix Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl