Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC912D60C Datasheet(PDF) 40 Page - Motorola, Inc

Part # MC68HC912D60C
Description  Microcontrollers
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC912D60C Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MC68HC912D60C Datasheet HTML 36Page - Motorola, Inc MC68HC912D60C Datasheet HTML 37Page - Motorola, Inc MC68HC912D60C Datasheet HTML 38Page - Motorola, Inc MC68HC912D60C Datasheet HTML 39Page - Motorola, Inc MC68HC912D60C Datasheet HTML 40Page - Motorola, Inc MC68HC912D60C Datasheet HTML 41Page - Motorola, Inc MC68HC912D60C Datasheet HTML 42Page - Motorola, Inc MC68HC912D60C Datasheet HTML 43Page - Motorola, Inc MC68HC912D60C Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 460 page
background image
Pinout and Signal Descriptions
Technical Data
MC68HC912D60A — Rev 3.0
40
Pinout and Signal Descriptions
MOTOROLA
3.3 MC68HC912D60A Pin Assignments in 80-pin QFP
Figure 3-3. Pin Assignments in 80-pin QFP for MC68HC912D60A
60
59
57
56
55
54
53
52
51
50
49
48
47
46
45
58
1
2
4
5
6
7
8
9
10
11
12
13
14
15
16
3
44
43
42
41
18
20
19
17
MC68HC912D60A
80 QFP
PAD07/AN07
PAD06/AN06
PAD05/AN05
PAD04/AN04
PAD03/AN03
PAD02/AN02
PAD01/AN01
PAD00/AN00
VRL0
VRH0
VSS
VDD
PA7/ADDR15/DATA15/DATA7
PA6/ADDR14/DATA14/DATA6
PA5/ADDR13/DATA13/DATA5
PA4/ADDR12/DATA12/DATA4
PA3/ADDR11/DATA11/DATA3
PA2/ADDR10/DATA10/DATA2
PA1/ADDR9/DATA9/DATA1
PA0/ADDR8/DATA8/DATA0
PW2/PP2
PW1/PP1
PW0/PP0
IOC0/PT0
IOC1/PT1
IOC2/PT2
IOC3/PT3
KWG4/PG4
VDD
VSS
IOC4/PT4
IOC5/PT5
IOC6/PT6
IOC7/PT7
SMODN/TAGHI/BKGD
ADDR0/DATA0/PB0
ADDR1/DATA1/PB1
ADDR2/DATA2/PB2
ADDR3/DATA3/PB3
ADDR4/DATA4/PB4
Note: TEST = This pin is used for factory test purposes. It is recommended that this pin is not connected in the
application, but it may be bonded to 5.5 V max without issue.
Never apply voltage higher than 5.5 V to this pin.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC912D60C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC912D60C FREESCALE-MC68HC912D60C Datasheet
3Mb / 460P
   HC12 Microcontrollers
MC68HC912D60C FREESCALE-MC68HC912D60C Datasheet
2Mb / 460P
   MC68Hc912D60A MC68HC912D60C MC68HC912D60P Technical Data
MC68HC912D60C FREESCALE-MC68HC912D60C Datasheet
2Mb / 460P
   MC68HC912D60A MC68HC912D60C MC68HC912D60P Technical Data
More results

Similar Description - MC68HC912D60C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com