Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1335CCN-272J Datasheet(PDF) 1 Page - TOKO, Inc

Part # 1335CCN-272J
Description  Transponder Coils for Surface Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1335CCN-272J Datasheet(HTML) 1 Page - TOKO, Inc

  1335CCN-272J Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPE SA3D12
(Unit: mm)
(Unit: mm)
Features
• High reliability conforms to automotive applications.
• Encapsulated core and winding for anti-shock proof.
• High Q and high sensivility due to optimaized magnetic
material and electrode structure.
• Wide inductance range for desigh flexibility.
• Triaxial LF antenna coil.
• Applicable to reflow soldering.
• AEC-Q200 compliant.
• 車載基準に適合する高信頼性
• 磁性体と巻線部を樹脂封止した耐衝撃構造
• 磁性材と電極構造の最適化による高Q・高感度性能
• 設計自由度が広く、広インダクタンス範囲可能
• 3軸一体アンテナコイル
• リフロはんだ付けが可能
• AEC-Q200準拠
Applications
• Suitable as a Transponder Antenna Coil for Keyless Entry
System. (Vehicle application)
• Wide operating temperature r
ange (− 40~+85°C)
• リモートキーレスエントリの一体システムのトランス
ポンダ用アンテナコイルに最適(自動車使用等)
• 使用温度範囲:-40 ~ +85°C
SELECTION GUIDE FOR STANDARD TRANSFORMERS
TYPE SA3D12
品番
測定周波数
X軸
Y軸
Z軸
許容差
Part Number
Test Frequency
(kHz)
Inductance
L (mH)
Unloaded Q
Min.
Inductance
L (mH)
Unloaded Q
Min.
Inductance
L (mH)
Unloaded Q
Min.
Tolerance
(%)
1335CCN-222J=P3
125
2.2
20
2.2
20
2.2
20
±5
1335CCN-272J=P3
125
2.7
20
2.7
20
2.7
20
±5
1335CCN-392J=P3
125
3.9
20
3.9
20
3.9
20
±5
1335CCN-452J=P3
125
4.5
20
4.5
20
4.5
20
±5
1335CCN-472J=P3
125
4.7
20
4.7
20
4.7
20
±5
1335CCN-602J=P3
125
6.0
20
6.0
20
6.0
20
±5
1335CCN-0064=P3
125
6.3
20
6.3
20
9.0
20
±5
1335BBN-222J=P3
134.2
2.2
25
2.2
25
2.2
25
±5
1335BBN-272J=P3
134.2
2.7
25
2.7
25
2.7
25
±5
1335BBN-392J=P3
134.2
3.9
25
3.9
25
3.9
25
±5
1335BBN-452J=P3
134.2
4.5
25
4.5
25
4.5
25
±5
1335BBN-472J=P3
134.2
4.7
25
4.7
25
4.7
25
±5
1335BBN-602J=P3
134.2
6.0
25
6.0
25
6.0
25
±5
1335BBN-0001=P3
134.2
4.5
25
4.5
25
7.6
25
±5
Inductance range
インダクタンス範囲
X: 1.0 ~ 6.3 (mH)
Y: 1.0 ~ 6.3 (mH)
Z: 1.0 ~ 9.0 (mH)
If you are looking for inductance other than the above, please contact us.
上記以外のインダクタンスのご対応もお受けしております。
Recommended patterns
推奨パターン図
Transponder Coils for Surface Mounting
面実装用トランスポンダコイル


Similar Part No. - 1335CCN-272J

ManufacturerPart #DatasheetDescription
logo
Heyco.
1335 HEYCO-1335 Datasheet
130Kb / 1P
   Strain Relief Mounting Hole Punches
13350 HEYCO-13350 Datasheet
90Kb / 1P
   Blunt Rivets
13350 HEYCO-13350 Datasheet
90Kb / 1P
   Blunt Rivets
logo
Turck, Inc.
1335091 TURCK-1335091 Datasheet
260Kb / 2P
   Inductive Sensor
11/07/2023
1335095 TURCK-1335095 Datasheet
263Kb / 2P
   Inductive Sensor
11/07/2023
More results

Similar Description - 1335CCN-272J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08 Datasheet
84Kb / 1P
   Transponder Coils for Surface Mounting
SA3D14 TOKO-SA3D14_16 Datasheet
279Kb / 1P
   Transponder Coils for Surface Mounting
SA3M12 TOKO-SA3M12 Datasheet
83Kb / 1P
   Transponder Coils for Surface Mounting
logo
AIT Components Ltd.
GSAT3D15-242J AITCOMPONENTS-GSAT3D15-242J Datasheet
228Kb / 1P
   Surface Mount 3D Transponder Coils
logo
TOKO, Inc
836BN-0075Z TOKO-836BN-0075Z Datasheet
25Kb / 2P
   Variable Coils for Surface Mounting
5CCEG TOKO-5CCEG Datasheet
215Kb / 1P
   Valiable Coils for Surface Mounting
FSDV TOKO-FSDV Datasheet
26Kb / 2P
   Variable Coils for Surface Mounting
MC152 TOKO-MC152 Datasheet
28Kb / 2P
   Molded Coils for Surface Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com