Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI30-U Datasheet(PDF) 2 Page - CUI INC

Part # SDI30-U
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDI30-U Datasheet(HTML) 2 Page - CUI INC

  SDI30-U Datasheet HTML 1Page - CUI INC SDI30-U Datasheet HTML 2Page - CUI INC SDI30-U Datasheet HTML 3Page - CUI INC SDI30-U Datasheet HTML 4Page - CUI INC SDI30-U Datasheet HTML 5Page - CUI INC SDI30-U Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
date 11/15/2016
│ page 2 of 6
CUI Inc
│ SERIES: SDI30-U │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
1
A
leakage current
3.5
mA
no load power consumption
Level VI
CoC Tier 2
0.1
0.075
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
load regulation
±5
%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc output model
15 Vdc output model
19 Vdc output model
24 Vdc output model
16
22
27
32
Vdc
Vdc
Vdc
Vdc
over current protection
12 Vdc output model
15 Vdc output model
19 Vdc output model
24 Vdc output model
4
4
4
2.8
A
A
A
A
short circuit protection
output shut down, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
1,500
2,121
Vac
Vdc
isolation resistance
input to output at 500 Vdc
100
MΩ
safety approvals
UL/cUL, GS, PSE
EMI/EMC
FCC Part 15B Class B, CE
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
0
40
°C
storage temperature
-10
70
°C
operating humidity
non-condensing
20
80
%
storage humidity
non-condensing
10
90
%
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SDI30-U

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDI30-U CUI-SDI30-U Datasheet
534Kb / 6P
   AC-DC POWER SUPPLY
12/09/2020
SDI30-UD CUI-SDI30-UD Datasheet
550Kb / 6P
   AC-DC POWER SUPPLY
SDI30-UD CUI-SDI30-UD Datasheet
548Kb / 6P
   AC-DC POWER SUPPLY
12/14/2020
SDI30-UD CUI-SDI30-UD_V01 Datasheet
548Kb / 6P
   AC-DC POWER SUPPLY
12/14/2020
SDI30-U CUI-SDI30-U_V01 Datasheet
534Kb / 6P
   AC-DC POWER SUPPLY
12/09/2020
More results

Similar Description - SDI30-U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com