Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1320DLT-2005 Datasheet(PDF) 1 Page - TOKO, Inc

Part # B1320DLT-2005
Description  Transponder Coils (Transmitter)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

B1320DLT-2005 Datasheet(HTML) 1 Page - TOKO, Inc

  B1320DLT-2005 Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TYPE STA8121
(Unit: mm)
L:Inductance
C:Internal capacitor
Features
• Dust and Water proof structure
• Narrow resonant frequency tolerance
• High Output
• AEC-Q200 compliant
• 防塵・防水仕様
• 狭共振周波数公差対応 (Fo±1%)
• 高出力対応
• AEC-Q200準拠
Applications
• Suitable as a Transponder Antenna Coil for Remote
Keyless Entry System. (Vehicle application)
Wide operating temperature range (− 40~+85°C)
• リモートキーレスエントリの一体システムのトランス
ポンダ用アンテナコイルに最適(自動車使用等)
• 使用温度範囲:-40 ~ +85°C
SELECTION GUIDE FOR STANDARD TRANSFORMERS
TYPE STA8121
品番
コンデンサ
共振周波数
許容差
Part Number
Capacitor (pF)
Resonant Frequency (kHz)
Tolerance (%)
A1320DLT-1005
2200
125
±1
A1320DHT-1001
3300
125
±1
A1320DIT-1002
4700
125
±1
A1320DJT-1003
6800
125
±1
A1320DKT-1004
10000
125
±1
B1320DLT-2005
2200
134.2
±1
B1320DHT-2001
3300
134.2
±1
B1320DIT-2002
4700
134.2
±1
B1320DJT-2003
6800
134.2
±1
B1320DKT-2004
10000
134.2
±1
STA8121 type is custamized item. Please feel free to contact us for details.
STA8121はカスタム仕様品です。詳細についてはお問い合わせ下さい。
Transponder Coils (Transmitter)
トランスポンダコイル(送信)
Schematic diagram
推奨パターン図
1
2
L
C


Similar Part No. - B1320DLT-2005

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1320022 TRIPPLITE-B1320022 Datasheet
501Kb / 2P
   2-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B132002A2 TRIPPLITE-B132002A2 Datasheet
506Kb / 3P
   2-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID,1920x1440 at 60Hz, Up to 1000-ft
B1320042 TRIPPLITE-B1320042 Datasheet
493Kb / 3P
   4-Port VGA over Cat5-Cat6 Extender Splitter,Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft
B132004A2 TRIPPLITE-B132004A2 Datasheet
498Kb / 3P
   4-Port VGA with Audio over Cat5-Cat6 Extender Splitter, Box-Style Transmitter with EDID, 1920x1440 at 60Hz, Up to 1000-ft.
B132004RB TRIPPLITE-B132004RB Datasheet
463Kb / 2P
   19 Rack Mount Bracket (holds up to three Cat5 extender-splitter local units)
More results

Similar Description - B1320DLT-2005

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
B82450H2364A000 TDK-B82450H2364A000 Datasheet
305Kb / 6P
   Transponder coils
TPLC553030 TDK-TPLC553030 Datasheet
157Kb / 4P
   Transponder coils
20210217
logo
Coilcraft lnc.
4308RV COILCRAFT-4308RV Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Frontier Electronics.
STC1120 FRONTIER-STC1120 Datasheet
125Kb / 1P
   RFID Transponder Coils
logo
TDK Electronics
B82450A1004A000 TDK-B82450A1004A000 Datasheet
156Kb / 6P
   Inductors Transponder coils
logo
Central Technologies
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
   RFID Transponder Coils
logo
Coilcraft lnc.
4308TC COILCRAFT-4308TC Datasheet
118Kb / 2P
   RFID Transponder Coils
5315TC COILCRAFT-5315TC Datasheet
106Kb / 2P
   RFID Transponder Coils
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
   RFID Transponder Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com