Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6029EUK25-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6029EUK25-T
Description  Ultra-Low-Power Precision Series Voltage Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6029EUK25-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6029EUK25-T Datasheet HTML 4Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 5Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 6Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 7Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 8Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 9Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 10Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 11Page - Maxim Integrated Products MAX6029EUK25-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Ultra-Low-Power Precision Series
Voltage Reference
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 2.5V for MAX6029EUK21, VIN = 3.2V for MAX6029EUK30, and VIN = 5.2V for MAX6029EUK50, IOUT = 0, TA = +25°C, unless
otherwise noted.)
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 2.048V)
TEMPERATURE (
°C)
60
35
10
-15
2.042
2.044
2.046
2.048
2.050
2.040
-40
85
3 TYPICAL UNITS
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 3V)
TEMPERATURE (
°C)
60
35
10
-15
2.993
2.995
2.997
2.999
3.001
3.003
2.991
-40
85
3 TYPICAL UNITS
OUTPUT VOLTAGE vs. TEMPERATURE
(VOUT = 5V)
TEMPERATURE (
°C)
4.990
4.992
4.994
4.996
4.998
5.000
5.002
5.004
5.006
4.988
60
35
10
-15
-40
85
3 TYPICAL UNITS
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
12
11
10
9
8
7
6
5
4
3
2
1
2
4
6
8
10
12
14
0
013
VOUT = 3V
VOUT = 5V
VOUT = 2.048V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
2.5
-40
85
VOUT = 3V
VOUT = 5V
VOUT = 2.048V
DROPOUT VOLTAGE vs. SOURCE CURRENT
(VOUT = 2.048V)
SOURCE CURRENT (mA)
6
5
1
2
3
4
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
07
DROPOUT VOLTAGE vs. SOURCE CURRENT
(VOUT = 3V)
SOURCE CURRENT (mA)
6
5
3
4
2
1
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0
07
DROPOUT VOLTAGE vs. SOURCE CURRENT
(VOUT = 5V)
SOURCE CURRENT (mA)
6
5
3
4
2
1
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0
07
LOAD REGULATION
(VOUT = 2.048V)
OUTPUT CURRENT (mA)
6
5
3
4
0
1
2
-1
2.0475
2.0480
2.0485
2.0490
2.0495
2.0500
2.0505
2.0510
2.0515
2.0520
2.0470
-2
7


Similar Part No. - MAX6029EUK25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029EUK25-T MAXIM-MAX6029EUK25-T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029EUK25-T MAXIM-MAX6029EUK25-T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
More results

Similar Description - MAX6029EUK25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6029EUK30T MAXIM-MAX6029EUK30T Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029 MAXIM-MAX6029_06 Datasheet
717Kb / 16P
   Ultra-Low-Power Precision Series Voltage Reference
Rev 2; 11/06
MAX6029 MAXIM-MAX6029_V01 Datasheet
448Kb / 15P
   Ultra-Low-Power Precision Series Voltage Reference
2009
logo
Texas Instruments
REF35 TI-REF35_V02 Datasheet
1Mb / 35P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI1-REF35_V05 Datasheet
2Mb / 38P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
REF35 TI-REF35_V04 Datasheet
2Mb / 38P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
AUGUST 2022
REF35 TI1-REF35_V03 Datasheet
1Mb / 35P
[Old version datasheet]   REF35 Ultra Low-Power, High-Precision Voltage Reference
REVISED AUGUST 2022
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com