Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOK20B120E1 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOK20B120E1
Description  Low turn-off switching loss due to fast turn-off time
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOK20B120E1 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOK20B120E1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOK20B120E1 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev.1.0: March 2015
www.aosmd.com
Page 3 of 8
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VF (V)
Fig 4: Diode Characteristic
25°C
175°C
-40°C
0
50
100
150
200
0
1
2
3
4
5
6
7
VCE(V)
Fig 1: Output Characteristic
(Tj=25°C )
9V
20V
17V
15V
11V
VGE= 7V
13V
0
20
40
60
80
4
7
10
13
VGE(V)
Fig 3: Transfer Characteristic
175°C
25°C
-40°C
0
1
2
3
4
5
0
25
50
75
100
125
150
175
Temperature (°C)
Fig 5: Collector-Emitter Saturation Voltage vs.
Junction Temperature
IC=40A
IC=10A
IC=20A
VCE=20V
0
30
60
90
120
150
0
1
2
3
4
5
6
7
VCE(V)
Fig 2: Output Characteristic
(Tj=175°C )
VGE=7V
9V
20V
17V
15V
11V
13V
2
3
4
5
6
7
0
25
50
75
100
125
150
175
TJ (°C)
Figure 6: VGE(TH) vs. Tj


Similar Part No. - AOK20B120E1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK20B120E2 AOSMD-AOK20B120E2 Datasheet
494Kb / 8P
   Minimal gate spike due to high input capacitance
More results

Similar Description - AOK20B120E1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK20B120D1 AOSMD-AOK20B120D1 Datasheet
518Kb / 8P
   Low turn-off switching loss due to fast turn-off time
logo
New Jersey Semi-Conduct...
BTW63 NJSEMI-BTW63 Datasheet
121Kb / 4P
   FAST TURN-OFF THYRISTORS
logo
SEMPO ELECTRONIC Limite...
SMTC1-500F SEMPO-SMTC1-500F Datasheet
58Kb / 1P
   Fast Turn-off Thyristor
logo
ZHEJIANG HUAJING RECTIF...
KK3000A HUAJING-KK3000A Datasheet
223Kb / 3P
   Fast Turn-off Thyhristor
logo
SEMPO ELECTRONIC Limite...
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
   Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
   Fast Turn-off Thyristor
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
   Fast Turn-off Thyristor
logo
ZHEJIANG HUAJING RECTIF...
KK2000A HUAJING-KK2000A Datasheet
223Kb / 3P
   Fast Turn-off Thyhristor
KK400A HUAJING-KK400A Datasheet
219Kb / 3P
   Fast Turn-off Thyhristor
KK1500A HUAJING-KK1500A Datasheet
206Kb / 3P
   Fast Turn-off Thyhristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com