Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOE6932 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOE6932
Description  AOE6932 improves gate driving performance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOE6932 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOE6932 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOE6932 Datasheet HTML 2Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 408.830.9742 Fax: 408.830.9757 •www.aosmd.com
1
Alpha and Omega Semiconductor
475 Oakmead Parkway, Sunnyvale, California 94085 USA
FOR IMMEDIATE RELEASE
Media Contact: Mina Galvan
Tel: 408.789.3233
Email: mina.galvan@aosmd.com
Alpha and Omega Semiconductor Expands Its New PairFET™ Family
New PairFET
TM series sets new industry standard with improved thermals and higher efficiency
SUNNYVALE, Calif., Sep. 14, 2016 – Alpha and Omega Semiconductor Limited (AOS) (Nasdaq: AOSL), a designer,
developer and global supplier of a broad range of power semiconductors and power ICs, today introduced two new products
based on its high efficiency XS-PairFET package and latest low voltage technology. The AOE6932 and AOE6936 are the
newest extensions to the flagship device, AOE6930, that was released in 2015. Both products are newly optimized for
enhanced driving and switching performance.
AOE6932 improves gate driving performance and reduces power loss at relatively low output current. AOE6936 features a
20V gate voltage tolerance with much smaller parasitic capacitances. Both devices offer the same 8mohm (max) Rdson
(@4.5V gate driving voltage) on the high side, but present different Rdson values for the low side FET. AOE6932 is
designed with a 1.8mohm (max) @ 4.5Vgs low side FET, while AOE6936 is designed with a 3mohm (max) low side FET.
Application tests show that these distinct configurations uniquely optimize each device to achieve the best efficiency and
address specific application requirements, such as the input-output voltage headroom, and current per phase for the Vcore
power supply.
“Our first product packaged in a PairFET with a bottom-sourced low-side FET was released last year, and the AOE6930 is
now widely accepted by leading customers in notebook PC, desktop PC, and high-end VGA designs. The benefits offered by
this structure are significant. With direct thermal dissipation from the low side source down to the copper layer of the PCB,
the temperature rise can be well controlled in the power device. With the newly released AOE6932 and AOE6936, we offer
wide coverage of various application conditions, with optimal cost effectiveness. This product family is setting a new
industry standard for high power density circuit design in all POL applications,” said Lei Feng, Sr. Marketing Director of
MOSFET product line at AOS.
Device Specification Table
Part
Number
Package
VDS (V)
VGS
(±V)
RDS(ON)
(mΩ
max)* at VGS=
VGS(th)
(max V)
Ciss
(pF)
Coss
(pF)
Crss
(pF)
Qg*
(nC)
Qgd
(nC)
10V
4.5V
AOE6932
High Side
30
20
5
8
2.2
1150
380
55
7.5
3
Low Side
30
12
1.4
1.8
1.9
4180
880
125
30
7
AOE6936
High Side
30
20
5
8
2.2
1150
380
55
7.5
3
Low Side
30
20
2
3
2.1
2270
650
90
15
4.5
AOE6930
(reference)
High Side
30
20
4.3
7
2.1
1075
480
55
7
2.5
Low Side
30
12
0.83
1.05
1.9
5560
1670
200
42
12


Similar Part No. - AOE6932

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AOE6932

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QS20P TTELEC-QS20P Datasheet
217Kb / 2P
   Improves signal quality
logo
Mitsubishi Electric Sem...
M57161L-01 MITSUBISHI-M57161L-01 Datasheet
124Kb / 6P
   HYBRID IC FOR DRIVING TRENCH-GATE IGBT
logo
Analog Devices
AN-107 AD-AN-107 Datasheet
783Kb / 8P
   ACTIVE FEEDBACK IMPROVES AMPLIFIER PHASE ACCURACY
logo
CITIZEN ELECTRONICS CO....
LED CITIZEN-LED Datasheet
65Kb / 2P
   Driving LEDs
logo
STMicroelectronics
STW88N65M5-4 STMICROELECTRONICS-STW88N65M5-4 Datasheet
711Kb / 13P
   Excellent switching performance thanks to the extra driving source pin
October 2015 Rev 1
logo
Purdy Electronics Corpo...
PC-TFT-064VT4N1 PURDY-PC-TFT-064VT4N1 Datasheet
272Kb / 4P
   Driving Board
logo
Beijing Yaohuadechang E...
DX091-1111 YHDC-DX091-1111 Datasheet
9Mb / 1P
   Driving Transformer
logo
Omron Electronics LLC
EE-SPY415 OMRON-EE-SPY415 Datasheet
219Kb / 3P
   Photo IC circuitry greatly improves response time.
logo
Hamamatsu Corporation
C10423 HAMAMATSU-C10423 Datasheet
154Kb / 2P
   DRIVING CIRCUIT
logo
Beijing Yaohuadechang E...
DX091 YHDC-DX091 Datasheet
9Mb / 1P
   Driving Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com