Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9534A Datasheet(PDF) 11 Page - Texas Instruments

Part # TCA9534A
Description  Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9534A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TCA9534A_16 Datasheet HTML 7Page - Texas Instruments TCA9534A_16 Datasheet HTML 8Page - Texas Instruments TCA9534A_16 Datasheet HTML 9Page - Texas Instruments TCA9534A_16 Datasheet HTML 10Page - Texas Instruments TCA9534A_16 Datasheet HTML 11Page - Texas Instruments TCA9534A_16 Datasheet HTML 12Page - Texas Instruments TCA9534A_16 Datasheet HTML 13Page - Texas Instruments TCA9534A_16 Datasheet HTML 14Page - Texas Instruments TCA9534A_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
R =1k
L
W
V
CC
C =50pF
L
(seeNote A)
t
buf
t
icr
t
sth
t
sds
t
sdh
t
icf
t
icr
t
scl
t
sch
t
sts
t
PHL
t
PLH
0.3
V
´ CC
Stop
Condition
t
sps
Repeat
Start
Condition
Startor
Repeat
Start
Condition
SCL
SDA
Start
Condition
(S)
Address
Bit7
(MSB)
Data
Bit10
(LSB)
Stop
Condition
(P)
ThreeBytesforComplete
DeviceProgramming
SDA LOADCONFIGURATION
VOLTAGEWAVEFORMS
t
icf
Stop
Condition
(P)
t
sp
DUT
SDA
0.7
V
´ CC
0.3
V
´ CC
0.7
V
´ CC
R/W
Bit0
(LSB)
ACK
(A)
Data
Bit07
(MSB)
Address
Bit1
Address
Bit6
BYTE
DESCRIPTION
1
I Caddress
2
2,3
P-portdata
11
TCA9534A
www.ti.com
SCPS198B – SEPTEMBER 2014 – REVISED DECEMBER 2016
Product Folder Links: TCA9534A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr/tf ≤ 30 ns.
C.
All parameters and waveforms are not applicable to all devices.
Figure 19. I2C Interface Load Circuit and Voltage Waveforms


Similar Part No. - TCA9534A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9534APWR TI1-TCA9534APWR Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
More results

Similar Description - TCA9534A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534 TI1-TCA9534_16 Datasheet
1Mb / 38P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com