Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXM17544 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXM17544
Description  Integrated Compensation Components
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17544 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXM17544 Datasheet HTML 1Page - Maxim Integrated Products MAXM17544 Datasheet HTML 2Page - Maxim Integrated Products MAXM17544 Datasheet HTML 3Page - Maxim Integrated Products MAXM17544 Datasheet HTML 4Page - Maxim Integrated Products MAXM17544 Datasheet HTML 5Page - Maxim Integrated Products MAXM17544 Datasheet HTML 6Page - Maxim Integrated Products MAXM17544 Datasheet HTML 7Page - Maxim Integrated Products MAXM17544 Datasheet HTML 8Page - Maxim Integrated Products MAXM17544 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
IN to PGND (Note 2) .............................................-0.3V to +48V
EN to SGND (Note 2)............................................-0.3V to +48V
VCC.............................................-0.3V to min (VIN + 0.3V, 6.5V)
FB, RESET, SS, CF, MODE,
SYNC, RT to SGND .........................................-0.3V to +6.5V
OUT to PGND (VIN < 25V).........................-0.3V to (VIN + 0.3V)
OUT to PGND (VIN ≥ 25V)....................................-0.3V to +25V
LX to PGND................................................-0.3V to (VIN + 0.3V)
BST to PGND........................................................-0.3V to +53V
BST to VCC ...........................................................-0.3V to +48V
BST to LX.............................................................-0.3V to +6.5V
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+125°C
Storage Temperature Range............................ -65°C to +125°C
Lead Temperature (soldering, 10s) .................................+245°C
Junction-to-Top-Case Thermal Resistance (ΨJT) ..........5.2°C/W
Junction-to-Ambient Thermal Resistance (θJA) ...........25.2°C/W
(Note 3)
Electrical Characteristics
(VIN = VEN = 24V, RRT = 40.2kΩ (500kHz) to SGND, VPGND = VMODE = VSYNC = VSGND = 0V, VCC = LX = SS = RESET = OUT =
open, VBST to VLX = 5V, VFB = 1V, TA = TJ = -40ºC to +125ºC, unless otherwise noted. Typical values are at TA = +25ºC. All voltages
are referenced to SGND, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLY (VIN)
IN Input Voltage Range
VIN
4.5
42
V
Input Shutdown Current
IIN_SH
VEN = 0V
10.5
13
μA
Input Quiescent Current
IQ_PFM_
HIB
MODE = RT = open
125
μA
IQ_DCM
MODE = VCC
1.16
1.8
mA
IQ_PWM
Normal switching mode, no load
9.5
mA
LOGIC INPUTS
EN Threshold
VENR
VEN rising
1.192
1.215
1.26
V
VENF
VEN falling
1.068
1.09
1.131
V
Enable Pullup Resistor
RENP
Pullup resistor between IN and EN pins
3.15
3.3
3.45
MΩ
LDO
VCC Output Voltage Range
VCC
6V < VIN < 42V, 1mA < IVCC < 25mA
4.75
5
5.25
V
VCC Current Limit
IVCC_MAX VIN = 6V, VCC = 4.3V
26.5
60
100
mA
VCC Dropout
VCC_DO VIN = 4.5V, IVCC = 20mA
4.2
V
VCC UVLO
VCC_UVR VCC rising
4.05
4.2
4.3
V
VCC_UVF VCC falling
3.65
3.8
3.9
V
MAXM17544
4.5V to 42V, 3.5A High-Efficiency, DC-DC Step-
Down Power Module with Integrated Inductor
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: SGND and PGND are internally connected.
Note 2: See Pin Description for the connection of the backside exposed pad.
Note 3: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics


Similar Part No. - MAXM17544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17544ALJ+T MAXIM-MAXM17544ALJ+T Datasheet
1Mb / 19P
   4.5V to 42V, 3.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
MAXM17544EVKIT MAXIM-MAXM17544EVKIT Datasheet
487Kb / 10P
   MAXM17544 in 3.3V Output-Voltage Application
Rev 0; 5/15
MAXM17544 MAXIM-MAXM17544_V01 Datasheet
1Mb / 19P
   4.5V to 42V, 3.5A High-Efficiency, DC-DC Step- Down Power Module with Integrated Inductor
2020
More results

Similar Description - MAXM17544

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17503 MAXIM-MAXM17503 Datasheet
1Mb / 19P
   Integrated Compensation Components
Rev 1; 4/15
logo
NTE Electronics
NTE1415 NTE-NTE1415 Datasheet
18Kb / 2P
   Integrated Circuit Color Compensation Circuit
logo
Ferroxcube Internationa...
IIC2-14 FERROXCUBE-IIC2-14 Datasheet
73Kb / 7P
   Integrated inductive components
logo
FERYSTER Inductive Comp...
IIC10-14-4 FERYSTER-IIC10-14-4 Datasheet
70Kb / 9P
   Integrated inductive components
logo
Ferroxcube Internationa...
IIC10-14 FERROXCUBE-IIC10-14 Datasheet
94Kb / 9P
   Integrated inductive components
logo
Hotchip Technology Co.,...
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
   Highly integrated, minimal peripheral components
logo
Rohm
BD9322EFJ ROHM-BD9322EFJ Datasheet
431Kb / 14P
   Simple Step-down Switching Regulator with Integrated Compensation
logo
Hotchip Technology Co.,...
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
   Highly integrated, minimal peripheral components
logo
Maxim Integrated Produc...
MAX20004E MAXIM-MAX20004E Datasheet
749Kb / 21P
   Automotive, 36V, 4A/6A/8A Integrated Step- Down Converters with Integrated Compensation
Rev 6; 7/20
logo
Hotchip Technology Co.,...
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
   Highly integrated and minimal peripheral components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com