Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K12SBLYE01.53NOLFTX Datasheet(PDF) 1 Page - C&K Components

Part # K12SBLYE01.53NOLFTX
Description  High Performance SMT Key Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

K12SBLYE01.53NOLFTX Datasheet(HTML) 1 Page - C&K Components

  K12SBLYE01.53NOLFTX Datasheet HTML 1Page - C&K Components K12SBLYE01.53NOLFTX Datasheet HTML 2Page - C&K Components K12SBLYE01.53NOLFTX Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
D–6
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
K12S
High Performance SMT Key Switches
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
Features/Benefits
Harsh environment applications - IP67
Compatible with SMT lead free
soldering process
Illuminated
Excellent tactile feel
High reliability / long life
DPST and detect versions available
RoHS compliant
Typical Applications
Automotive
Off-road transportation
Motorcycles
Industrial
Medical
Network
Joysticks
Electrical
SWITCHING POWER MIN./MAX.: 0.02mW/3 W DC
SWITCHING VOLTAGE MIN./MAX.: 2 V / 30 V DC
SWITCHING CURRENT MIN./MAX.: 10 mA /100 mA DC
DIELECTRIC STRENGTH: > 300 V RMS
OPERATING LIFE: > 106 operations (F<5N) / 105 operations (F
≥5N)
CONTACT RESISTANCE: Initial < 100m
Ω - After test < 250mΩ
INSULATION RESISTANCE: >109
BOUNCE TIME: < 10 ms
Environmental
OPERATING TEMPERATURE: -40˚C to 85˚C.
STORAGE TEMPERATURE: -40˚C to 95˚C.
RoHS compliant and Halogen free.
Process
SOLDERABILITY: Lead free soldering compatible.
Construction:
FUNCTION: Momentary
CONTACT ARRANGEMENT: SPST or DPST
CONTACT TYPE: NO or NC
TERMINALS: SMT
Mechanical
TOTAL TRAVEL: 1,5 mm
OPERATING FORCE: 3N; 5N; 6N; 9N 4/8 N; 6/12 N
SEALING: IP40 or IP67
Packaging
Reels of 900 pieces
.
5
Sub-Series
A
IP40 with peg
B
IP67 with peg
C
IP40 without peg
D
IP67 without peg
LED Color
NONE No LED
YE0
Yellow
RD0
Red
GN0
Green
OR0
Orange
WH0
White
AM0
Amber
Travel
1.5
1.5 mm
Operating Force
3N
3 N
5N
5 N
6N
6 N
9N
9 N
4/8N
4/8 N
(double step actuation)
6/12N
6/12 N
(double step actuation)
2
S
K
1
L
F
T
Contact Arrangement
O
Normally open (SPST)
C
Normally closed (SPST)
OO
2 Normally open (DPST)
CC
2 Normally closed (DPST)
OC
1 Normally open
1 Normally closed (DPST)
Option
S
SPST version
L
LED version (SPST)
D
DPST version
LFTX Lead free, RoHS
terminals tin plated
Translucent button
N
1
X


Similar Part No. - K12SBLYE01.53NOLFTX

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12S CK-COMPONENTS-K12S Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
K12SD CK-COMPONENTS-K12SD Datasheet
304Kb / 3P
   High Performance SMT Detect Switches
3 May 21
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
More results

Similar Description - K12SBLYE01.53NOLFTX

ManufacturerPart #DatasheetDescription
logo
C&K Components
K12S CK-COMPONENTS-K12S_V01 Datasheet
614Kb / 6P
   High Performance SMT Key Switches (Cold White)
23 Jun 22
logo
ITT Industries
K12115NOD ITT-K12115NOD Datasheet
310Kb / 6P
   High Performance Key Switches
logo
C&K Components
K12 CK-COMPONENTS-K12 Datasheet
279Kb / 6P
   High Performance Key Switches
K12 CK-COMPONENTS-K12_V01 Datasheet
563Kb / 6P
   High Performance Key Switches
14 Jan 22
K12SD CK-COMPONENTS-K12SD Datasheet
304Kb / 3P
   High Performance SMT Detect Switches
3 May 21
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
   Key Switches
MRKC1052B-C-10 COPAL-MRKC1052B-C-10 Datasheet
391Kb / 2P
   Key Switches
logo
ITT Industries
K6B1.53N ITT-K6B1.53N Datasheet
197Kb / 3P
   Miniature Key Switches
logo
C&K Components
K6BGN1.53NL306 CK-COMPONENTS-K6BGN1.53NL306 Datasheet
188Kb / 3P
   Miniature Key Switches
K12D CK-COMPONENTS-K12D Datasheet
192Kb / 2P
   High Performance Detect Switches
3 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com