Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ14P5T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL17SZ14P5T5G
Description  Single Inverter with Schmitt Trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ14P5T5G Datasheet(HTML) 1 Page - ON Semiconductor

  NL17SZ14P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SZ14P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SZ14P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SZ14P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SZ14P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SZ14P5T5G Datasheet HTML 6Page - ON Semiconductor NL17SZ14P5T5G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 13
1
Publication Order Number:
NL17SZ14/D
NL17SZ14
Single Inverter with
Schmitt Trigger
The NL17SZ14 is a single inverter with Schmitt trigger in three tiny
footprint packages. The device performs much as LCX multi−gate
products in speed and drive.
Features
Tiny SOT−353, SOT−553 and SOT−953 Packages
Source/Sink 24 mA at 3.0 V
Over−Voltage Tolerant Inputs and Outputs
Pin For Pin with NC7SZ14
Designed for 1.65 V to 5.5 V VCC Operation
Chip Complexity: FET = 20
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
1
2
3
4
5
1
VCC
NC
IN A
OUT Y
GND
1
2
3
4
5
Figure 1. Pinout
Figure 2. Logic Symbol
SOT−353/SC70−5/
SC−88A/SOT−553
SOT−953
PIN ASSIGNMENT
(SOT−353/SC70−5/SC−88A/SOT−553)
Pin
1
2
3
4
5
Function
NC
IN A
GND
OUT Y
VCC
Input
FUNCTION TABLE
Output
Y
H
L
A
L
H
PIN ASSIGNMENT (SOT−953)
Pin
1
2
3
4
5
Function
IN A
GND
NC
OUT Y
VCC
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC−88A
(SC−70−5/SOT−353)
DF SUFFIX
CASE 419A
SOT−553
XV5 SUFFIX
CASE 463B
http://onsemi.com
LA M G
G
LA
= Device Code
M
= Date Code*
G
= Pb−Free Package
LA MG
G
*Date Code orientation and/or position may vary
depending upon manufacturing location.
(*Note: Microdot may be in either location)
SOT−953
CASE 527AE
2
= Specific Device Code
M
= Month Code
2 M
1


Similar Part No. - NL17SZ14P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ14P5T5G ONSEMI-NL17SZ14P5T5G Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
NL17SZ14P5T5G ONSEMI-NL17SZ14P5T5G Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
NL17SZ14P5T5G-L22088 ONSEMI-NL17SZ14P5T5G-L22088 Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
More results

Similar Description - NL17SZ14P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ14 ONSEMI-NL17SZ14 Datasheet
80Kb / 8P
   Single Inverter with Schmitt Trigger
May, 2003 - Rev. 4
NL17SZ14 ONSEMI-NL17SZ14_18 Datasheet
192Kb / 14P
   Single Inverter with Schmitt Trigger
November, 2018 ??Rev. 14
NL17SZ14 ONSEMI-NL17SZ14_V01 Datasheet
161Kb / 13P
   Single Inverter with Schmitt Trigger
May, 2022 - Rev. 18
NL17SZ14 ONSEMI-NL17SZ14_05 Datasheet
65Kb / 6P
   Single Inverter with Schmitt Trigger
December, 2005 ??Rev. 7
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com