Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA0508RN02BE Datasheet(PDF) 1 Page - C&K Components

Part # FA0508RN02BE
Description  Miniature ROTA-SLIDE Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

FA0508RN02BE Datasheet(HTML) 1 Page - C&K Components

  FA0508RN02BE Datasheet HTML 1Page - C&K Components FA0508RN02BE Datasheet HTML 2Page - C&K Components FA0508RN02BE Datasheet HTML 3Page - C&K Components FA0508RN02BE Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
K–21
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
K
Models Available
F Series
Miniature ROTA-SLIDE® Rotary Switches
Features/Benefits
Multi-pole and multi-position
Panel and PCB mounting
Positive detent
Value added capability
RoHS Compliant
Typical Applications
Small appliances
Testing fixtures
Safety equipment
Specifications
CONTACT RATING: Q contact material: 4 AMPS @ 125 V AC or
28 V DC; 2 AMPS @ 250 V AC (UL/CSA). See page K-24 for
additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 45º or 90º -one contact models; two contact models,
4 pos. max. Models with common terminal -90º, 4 pos. max.
OPERATING & STORAGE TEMPERATURE: -30ºC to 65ºC
Materials
HOUSING & BUSHING: 6/6 Nylon (UL 94V-2).
ACTUATOR: 6/6 nylon (UL 94V-2).
CONTACTS: Q contact material: Copper, silver plated. See page
K-24 for additional contact materials.
TERMINALS: Q contact material: Copper, silver plated. See page
K-24 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
MOUNTING NUT: Brass, nickel plated.
TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q or B contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Custome Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-22 thru K-24. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
FA05 SP, 90° Index, 3 pos.
F103 SP, 45° Index, 3 pos.
F203 DP, 45° Index, 3 pos.
FA01 SPDT, 90° Index
FC03 SP, W/Common 90° Index, 3 pos.
Terminations
02
PC Thru-hole
WC Wire lead
Seal
NONE No seal
E
Epoxy seal
Contact Material
Q Silver
B Gold
Actuator
15
Screwdriver slot without bushing
08
.585" high with .156" flat
Mounting Style
RN PC
RS 5/16-32 threaded bushing


Similar Part No. - FA0508RN02BE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FA0508RN02BE ITT-FA0508RN02BE Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
More results

Similar Description - FA0508RN02BE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FA0515RN02Q ITT-FA0515RN02Q Datasheet
231Kb / 4P
   Miniature ROTA-SLIDE Rotary Switches
R10007RR03Q ITT-R10007RR03Q Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
C&K Components
R20407RR02Q CK-COMPONENTS-R20407RR02Q Datasheet
289Kb / 3P
   ROTA-SLIDE Rotary Switches
logo
ITT Industries
H20307RR05Q ITT-H20307RR05Q Datasheet
190Kb / 3P
   Power ROTA-SLIDE Rotary Switches
logo
C&K Components
R CK-COMPONENTS-R Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
R10007RR03Q CK-COMPONENTS-R10007RR03Q_13 Datasheet
527Kb / 3P
   R Series ROTA-SLIDE Rotary Switches
FA0515RN02QE CK-COMPONENTS-FA0515RN02QE Datasheet
199Kb / 4P
   Miniature ROTA-SLIDE짰 Rotary Switches
R10007RR03QE CK-COMPONENTS-R10007RR03QE Datasheet
185Kb / 3P
   ROTA-SLIDE짰 Rotary Switches
H20307RR05Q CK-COMPONENTS-H20307RR05Q Datasheet
164Kb / 3P
   Power ROTA-SLIDE짰 Rotary Switches
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com