Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM44Lx20 Datasheet(PDF) 1 Page - Texas Instruments

Part # RM44Lx20
Description  16- and 32-Bit RISC Flash Microcontroller
Download  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM44Lx20 Datasheet(HTML) 1 Page - Texas Instruments

  RM44Lx20 Datasheet HTML 1Page - Texas Instruments RM44Lx20 Datasheet HTML 2Page - Texas Instruments RM44Lx20 Datasheet HTML 3Page - Texas Instruments RM44Lx20 Datasheet HTML 4Page - Texas Instruments RM44Lx20 Datasheet HTML 5Page - Texas Instruments RM44Lx20 Datasheet HTML 6Page - Texas Instruments RM44Lx20 Datasheet HTML 7Page - Texas Instruments RM44Lx20 Datasheet HTML 8Page - Texas Instruments RM44Lx20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 162 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
RM44L920, RM44L520
SPNS229C – OCTOBER 2014 – REVISED NOVEMBER 2016
RM44Lx20 16- and 32-Bit RISC Flash Microcontroller
1
Device Overview
1
1.1
Features
1
• High-Performance Microcontroller (MCU) for
Safety-Critical Applications
– Dual CPUs Running in Lockstep
– ECC on Flash and RAM Interfaces
– Built-In Self-Test (BIST) for CPU and On-chip
RAMs
– Error Signaling Module With Error Pin
– Voltage and Clock Monitoring
• ARM® Cortex®-R4F 32-Bit RISC CPU
– 1.66 DMIPS/MHz With 8-Stage Pipeline
– FPU With Single and Double Precision
– 12-Region Memory Protection Unit (MPU)
– Open Architecture With Third-Party Support
• Operating Conditions
– Up to 180-MHz System Clock
– Core Supply Voltage (VCC): 1.14 to 1.32 V
– I/O Supply Voltage (VCCIO): 3.0 to 3.6 V
• Integrated Memory
– Up to 1MB of Flash With ECC
– 128KB of RAM With ECC
– 64KB of Flash for Emulated EEPROM With
ECC
• Common Platform Architecture
– Consistent Memory Map Across Family
– Real-Time Interrupt Timer (RTI) OS Timer
– 128-Channel Vectored Interrupt Module (VIM)
– 2-Channel Cyclic Redundancy Checker (CRC)
• Direct Memory Access (DMA) Controller
– 16 Channels and 32 Peripheral Requests
– Parity for Control Packet RAM
– DMA Accesses Protected by Dedicated MPU
• Frequency-Modulated Phase-Locked Loop
(FMPLL) With Built-In Slip Detector
• IEEE 1149.1 JTAG, Boundary Scan and ARM
CoreSight™ Components
• Advanced JTAG Security Module (AJSM)
• Up to 64 General-Purpose I/O (GIO) Pins
– Up to 16 GIO Pins With Interrupt Generation
Capability
• Enhanced Timing Peripherals
– 7 Enhanced Pulse Width Modulator (ePWM)
Modules
– 6 Enhanced Capture (eCAP) Modules
– 2 Enhanced Quadrature Encoder Pulse (eQEP)
Modules
• Two Next Generation High-End Timer (N2HET)
Modules
– N2HET1: 32 Programmable Channels
– N2HET2: 18 Programmable Channels
– 160-Word Instruction RAM With Parity
Protection Each
– Each N2HET Includes Hardware Angle
Generator
– Dedicated High-End Timer Transfer Unit (HTU)
for Each N2HET
• Two 12-Bit Multibuffered ADC Modules
– ADC1: 24 Channels
– ADC2: 16 Channels
– 16 Shared Channels
– 64 Result Buffers With Parity Protection Each
• Multiple Communication Interfaces
– Up to Three CAN Controllers (DCANs)
– 64 Mailboxes With Parity Protection Each
– Compliant to CAN Protocol Version 2.0A and
2.0B
– Inter-Integrated Circuit (I2C)
– 3 Multibuffered Serial Peripheral Interfaces
(MibSPIs)
– 128 Words With Parity Protection Each
– 8 Transfer Groups
– One Standard Serial Peripheral Interface (SPI)
Module
– Two UART (SCI) Interfaces, One With Local
Interconnect Network (LIN 2.1) Interface
Support
• Packages
– 144-Pin Quad Flatpack (PGE) [Green]
– 100-Pin Quad Flatpack (PZ) [Green]


Similar Part No. - RM44Lx20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM44LX20 TI-RM44LX20 Datasheet
9Mb / 165P
[Old version datasheet]   RM44Lx20 16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM44Lx20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com