Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14490DWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC14490DWG
Description  Hex Contact Bounce Eliminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490DWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC14490DWG Datasheet HTML 2Page - ON Semiconductor MC14490DWG Datasheet HTML 3Page - ON Semiconductor MC14490DWG Datasheet HTML 4Page - ON Semiconductor MC14490DWG Datasheet HTML 5Page - ON Semiconductor MC14490DWG Datasheet HTML 6Page - ON Semiconductor MC14490DWG Datasheet HTML 7Page - ON Semiconductor MC14490DWG Datasheet HTML 8Page - ON Semiconductor MC14490DWG Datasheet HTML 9Page - ON Semiconductor MC14490DWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MC14490
http://onsemi.com
6
Figure 4. Typical “Form A” Contact Debounce Circuit
(Only One Debouncer Shown)
1/2 BIT
DELAY
OSCILLATOR
AND
TWO-PHASE
CLOCK GENERATOR
Cext
OSCout
OSCin
“FORM A”
CONTACT
Ain
1
9
7
φ1
φ2
DATA
SHIFT
LOAD
4-BIT STATIC SHIFT REGISTER
φ1 φ2
φ1 φ2
15
Aout
+VDD
PULLUP RESISTOR
(INTERNAL)
OPERATING CHARACTERISTICS
The single most important characteristic of the MC14490
is that it works with a single signal lead as an input, making
it directly compatible with mechanical contacts (Form A
and B).
The circuit has a built−in pullup resistor on each input.
The worst case value of the pullup resistor (determined from
the Electrical Characteristics table) is used to calculate the
contact wetting current. If more contact current is required,
an external resistor may be connected between VDD and the
input.
Because of the built−in pullup resistors, the inputs cannot
be driven with a single standard CMOS gate when VDD is
below 5 V. At this voltage, the input should be driven with
paralleled standard gates or by the MC14049 or MC14050
buffers.
The clock input circuit (pin 7) has Schmitt trigger shaping
such that proper clocking will occur even with very slow
clock edges, eliminating any need for clock preshaping. In
addition, other MC14490 oscillator inputs can be driven
from a single oscillator output buffered by an MC14050 (see
Figure 5). Up to six MC14490s may be driven by a single
buffer.
The MC14490 is TTL compatible on both the inputs and
the outputs. When VDD is at 4.5 V, the buffered outputs can
sink 1.6 mA at 0.4 V. The inputs can be driven with TTL as
a result of the internal input pullup resistors.
Figure 5. Typical Single Oscillator Debounce System
FROM CONTACTS
MC14490
TO SYSTEM
LOGIC
OSCin
OSCout
Cext
1/6 MC14050
9
7
OSCin 7
9OSCout
NO CONNECTION
FROM
CONTACTS
TO SYSTEM
LOGIC
MC14490
NO CONNECTION
9OSCout
OSCin 7
FROM CONTACTS
MC14490
TO SYSTEM
LOGIC


Similar Part No. - MC14490DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Similar Description - MC14490DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com