Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV74VHC244DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLV74VHC244DTR2G
Description  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV74VHC244DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NLV74VHC244DTR2G Datasheet HTML 1Page - ON Semiconductor NLV74VHC244DTR2G Datasheet HTML 2Page - ON Semiconductor NLV74VHC244DTR2G Datasheet HTML 3Page - ON Semiconductor NLV74VHC244DTR2G Datasheet HTML 4Page - ON Semiconductor NLV74VHC244DTR2G Datasheet HTML 5Page - ON Semiconductor NLV74VHC244DTR2G Datasheet HTML 6Page - ON Semiconductor NLV74VHC244DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74VHC244
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA 3 85°C
−55°C 3 TA
3 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Maximum Propagation
Delay, A to YA or
B to YB
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
5.8
8.3
8.4
11.9
1.0
1.0
10.0
13.5
1.0
1.0
11.0
14.5
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
3.9
5.4
5.5
7.5
1.0
1.0
6.5
8.5
1.0
1.0
7.5
9.5
tPZL,
tPZH
Output Enable Time
OEA to YA or
OEB to YB
VCC = 3.3 ± 0.3 V CL = 15 pF
RL = 1 kW
CL = 50 pF
6.6
9.1
10.6
14.1
1.0
1.0
12.5
16.0
1.0
1.0
13.5
17.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
RL = 1 kW
CL = 50 pF
4.7
6.2
7.3
9.3
1.0
1.0
8.5
10.5
1.0
1.0
9.5
11.5
tPLZ,
tPHZ
Output Disable Time
OEA to YA or
OEB to YB
VCC = 3.3 ± 0.3 V CL = 50 pF
RL = 1 kW
10.3
14.0
1.0
16.0
1.0
17.0
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
RL = 1 kW
6.7
9.2
1.0
10.5
1.0
11.5
tOSLH,
tOSHL
Output to Output Skew
VCC = 3.3 ± 0.3 V CL = 50 pF
(Note 6)
1.5
1.5
1.5
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
(Note 6)
1.0
1.0
1.5
Cin
Maximum Input
Capacitance
4
10
10
10
pF
Cout
Maximum Three−State
Output Capacitance
(Output in High−Impedance
State)
6
pF
CPD
Power Dissipation Capacitance (Note 7)
Typical @ 25°C, VCC = 5.0V
pF
19
6. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/8 (per bit). CPD is used to determine the no−load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0 ns, CL = 50 pF, VCC = 5.0 V)
Symbol
Parameter
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
0.6
0.9
V
VOLV
Quiet Output Minimum Dynamic VOL
−0.6
−0.9
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V


Similar Part No. - NLV74VHC244DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV74VHC02DTR2G ONSEMI-NLV74VHC02DTR2G Datasheet
91Kb / 5P
   Quad 2-Input NOR Gate
December, 2015 ??Rev. 6
NLV74VHC04DTR2G ONSEMI-NLV74VHC04DTR2G Datasheet
244Kb / 7P
   Hex Inverter
July, 2020 ??Rev. 7
NLV74VHC08DTRG ONSEMI-NLV74VHC08DTRG Datasheet
88Kb / 5P
   Quad 2-Input AND Gate
October, 2017 ??Rev. 11
NLV74VHC125DG ONSEMI-NLV74VHC125DG Datasheet
94Kb / 8P
   Quad Bus Buffer
October, 2017 ??Rev. 8
NLV74VHC125DR2G ONSEMI-NLV74VHC125DR2G Datasheet
94Kb / 8P
   Quad Bus Buffer
October, 2017 ??Rev. 8
More results

Similar Description - NLV74VHC244DTR2G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com