Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32672L8153 Datasheet(PDF) 5 Page - TDK Electronics

Part # B32672L8153
Description  Metallized Polypropylene Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32672L8153 Datasheet(HTML) 5 Page - TDK Electronics

  B32672L8153 Datasheet HTML 1Page - TDK Electronics B32672L8153 Datasheet HTML 2Page - TDK Electronics B32672L8153 Datasheet HTML 3Page - TDK Electronics B32672L8153 Datasheet HTML 4Page - TDK Electronics B32672L8153 Datasheet HTML 5Page - TDK Electronics B32672L8153 Datasheet HTML 6Page - TDK Electronics B32672L8153 Datasheet HTML 7Page - TDK Electronics B32672L8153 Datasheet HTML 8Page - TDK Electronics B32672L8153 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VRMS
f
≤1 kHz
VAC
VR
VDC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Straight
terminals,
Ammo
pack
pcs./MOQ
Straight
terminals,
Reel
pcs./MOQ
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series, intermediate capacitance values and closer tolerances on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K=
±10%
J=
±5%
289 = Straight terminals, Ammo pack
189 = Straight terminals, Reel
240 = Crimped down to lead spacing 7.5 mm,
Ammo pack
140 = Crimped down to lead spacing 7.5 mm,
Reel
003 = Straight terminals, untaped (lead length
3.2
± 0.3 mm)
000 = Straight terminals, untaped (lead length
6 1 mm)
600
1600
1.2
4.0
× 9.0 × 13.0 B32671L1122+*** 4000
6800
4000
1.5
4.0
× 9.0 × 13.0 B32671L1152+*** 4000
6800
4000
2.2
5.0
× 11.0 × 13.0 B32671L1222+*** 3320
5200
4000
2.7
5.0
× 11.0 × 13.0 B32671L1272+*** 3320
5200
4000
3.3
6.0
× 12.0 × 13.0 B32671L1332+*** 2720
4400
4000
3.9
6.0
× 12.0 × 13.0 B32671L1392+*** 2720
4400
4000
4.7
6.0
× 12.0 × 13.0 B32671L1472+*** 2720
4400
4000
700
2000
1.0
4.0
× 9.0 × 13.0 B32671L8102+*** 4000
6800
4000
1.2
4.0
× 9.0 × 13.0 B32671L8122+*** 4000
6800
4000
1.5
4.0
× 9.0 × 13.0 B32671L8152+*** 4000
6800
4000
2.2
5.0
× 11.0 × 13.0 B32671L8222+*** 3320
5200
4000
2.7
5.0
× 11.0 × 13.0 B32671L8272+*** 3320
5200
4000
3.3
5.0
× 11.0 × 13.0 B32671L8332+*** 3320
5200
4000
3.9
6.0
× 12.0 × 13.0 B32671L8392+*** 2720
4400
4000
4.7
6.0
× 12.0 × 13.0 B32671L8472+*** 2720
4400
4000
B32671L
High V AC, high temperature (wound)
Page5of39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L8153

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L8153 EPCOS-B32672L8153 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L8153 EPCOS-B32672L8153 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32672L8153

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com