Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT01QLPGQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01QLPGQ1
Description   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01QLPGQ1 Datasheet(HTML) 5 Page - Texas Instruments

  LMT01QLPGQ1 Datasheet HTML 1Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 2Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 3Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 4Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 5Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 6Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 7Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 8Page - Texas Instruments LMT01QLPGQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LMT01-Q1
www.ti.com
SNIS192 – NOVEMBER 2016
Product Folder Links: LMT01-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Calculated using Pulse Count to Temperature LUT and 0.0625°C resolution per pulse, see section .
(2)
Error can be linearly interpolated between temperatures given in table as shown in the Accuracy vs Temperature curves in section
Typical Characteristics.
(3)
Limit is using end point calculation.
6.5 Electrical Characteristics
Over operating free-air temperature range and operating VP-VN range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ACCURACY
Temperature accuracy (1)(2)
VP-VN of 2.15 V
to 5.5 V
150°C
-0.75
0.75
°C
120°C
-0.625
0.625
°C
110°C
-0.5625
0.5625
°C
100°C
-0.5625
0.5625
°C
90°C
-0.5
0.5
°C
25°C
-0.5
±0.125
0.5
°C
-20°C
-0.5
0.5
°C
-30°C
-0.5625
0.5625
°C
-40°C
-0.625
0.625
°C
-50°C
±0.4
°C
PULSE COUNT TRANSFER FUNCTION
Number of pulses at 0°C
800
808
816
Output pulse range
15
3228
Theoretical max (exceeds device
rating)
1
4095
Resolution of one pulse
0.0625
°C
OUTPUT CURRENT
IOL
Output current variation
Low level
28
34
39
µA
IOH
High level
112.5
125
143
µA
High to Low level output current
ratio
3.1
3.7
4.5
POWER SUPPLY
Accuracy sensitivity to change in
VP-VN
2.15 V
≤ VP-VN ≤ 5. 0 V(3)
40
133
m°C/V
Leakage Current VP-VN
VDD
≤ 0.4 V
0.002
1.3
µA


Similar Part No. - LMT01QLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01QLPGQ1 TI1-LMT01QLPGQ1 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
More results

Similar Description - LMT01QLPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com