Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP592201DSCR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP592201DSCR
Description  2-A Low-Noise, Adjustable LDO With Low Input- and Output-Voltage Capability
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP592201DSCR Datasheet(HTML) 5 Page - Texas Instruments

  LP592201DSCR Datasheet HTML 1Page - Texas Instruments LP592201DSCR Datasheet HTML 2Page - Texas Instruments LP592201DSCR Datasheet HTML 3Page - Texas Instruments LP592201DSCR Datasheet HTML 4Page - Texas Instruments LP592201DSCR Datasheet HTML 5Page - Texas Instruments LP592201DSCR Datasheet HTML 6Page - Texas Instruments LP592201DSCR Datasheet HTML 7Page - Texas Instruments LP592201DSCR Datasheet HTML 8Page - Texas Instruments LP592201DSCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LP5922
www.ti.com
SNVSAG0 – NOVEMBER 2016
Product Folder Links: LP5922
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the GND pin.
(2)
Minimum and maximum limits are design targeted limits over the junction temperature (TJ) range of –40°C to +125°C, unless otherwise
stated. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
(3)
CIN, COUT: Low-ESR surface-mount-ceramic capacitors (MLCCs) used in setting electrical characteristics.
(4)
Dropout voltage is the voltage difference between the input and the output at which the FB voltage drops to 97% of its nominal value.
(5)
Short-circuit current (ISC) is equivalent to current limit. To minimize thermal effects during testing, ISC is measured with VOUT pulled to
100 mV below its nominal voltage.
(6)
Ground current is defined here as the total current flowing to ground as a result of all voltages applied to the device
IGND = ( (IIN – IOUT) + IEN + ILKG(PG))
(7)
Ground current in shutdown mode, IGND(SD), does NOT include current from PG pin.
(8)
This specification is verified by design.
6.5 Electrical Characteristics
VIN = VOUT(NOM) + 0.5 V or 1.3 V, whichever is greater; VEN = 1.2 V, CIN = 22 μF, COUT = 22 μF, OUT connected to 50 Ω to
GND, VFB = 0.5 V, CSS/NR = 0.12 µF, CFF = 0.01 µF, and PG pin pulled up to VIN by 100-kΩ resistor (unless otherwise
noted).
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VIN
Input voltage range
1.3
6
V
UVLO
Undervoltage lock-out
threshold
VIN Rising (↑) until output is ON
1.2
1.25
V
ΔUVLO
UVLO hysteresis
VIN Falling (↓) from UVLO threshold until output is
OFF
160
mV
OUTPUT VOLTAGE AND REGULATION
VOUT
Output voltage range
0.5
5
V
ΔVOUT
Line regulation
IOUT = 5 mA, 1.3 V ≤ VIN ≤ 6 V
0.02
%/V
Load regulation
5 mA
≤ IOUT ≤ 2 A
0.1
%/A
VDO
Dropout voltage(4)
VIN = 1.4 V, IOUT = 2 A
220
400
mV
VIN = 2.5 V, IOUT = 2 A
100
180
VIN = 5.3 V, IOUT = 2 A
90
160
FB
VFB
FB voltage
IOUT = 5 mA to 2 A
492.5
500
507.5
mV
IFB
FB pin input current
VFB = 0.5 V
–100
100
nA
CURRENT LEVELS
IL
Maximum load current
VIN ≥ 1.3 V
2
A
ISC
Short-circuit current limit(5)
2.2
3
3.8
A
IGND
Ground-current minimum
load(6)
VIN = 6 V, IOUT = 0 mA
0.7
mA
Ground-current maximum
load(6)
VIN = 1.3 V, IOUT = 2 A
1
4
IGND(SD)
Shutdown current(7)
VIN = 6 V, VEN = 0 V, VPG = 0 V
0.1
15
µA
VIN to VOUT RIPPLE REJECTION
(8)
PSRR
Power-supply rejection
ratio
VIN ≥ 1.4 V, ƒ = 1 kHz, IOUT = 2 A
70
dB
VIN ≥ 1.4 V, ƒ = 10 kHz, IOUT = 2 A
55
VIN ≥ 1.4 V, ƒ = 100 kHz, IOUT = 2 A
40
VIN ≥ 1.4 V, ƒ = 1 MHz, IOUT = 2 A
30
OUTPUT NOISE VOLTAGE
eN
Noise voltage(8)
VIN= 2.5 V, VOUT= 1.8 V
BW = 10 Hz to 100 kHz
25
µVRMS


Similar Part No. - LP592201DSCR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
   Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5900 TI1-LP5900 Datasheet
1Mb / 25P
[Old version datasheet]   LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 25P
[Old version datasheet]   LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
[Old version datasheet]   LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
logo
Frontier Electronics.
LP5900E0805AT FRONTIER-LP5900E0805AT Datasheet
158Kb / 2P
   LP5900E0805AT LOWPASS FILTER SPECIFICATION
More results

Similar Description - LP592201DSCR

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5050 ETA-ETA5050 Datasheet
137Kb / 1P
   500mA Low Noise, Fast Transient Response LDO with Adjustable Output Voltage
logo
Asahi Kasei Microsystem...
AP1151 AKM-AP1151 Datasheet
968Kb / 29P
   200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
logo
Texas Instruments
TPS7A92 TI1-TPS7A92 Datasheet
2Mb / 33P
[Old version datasheet]   2-A, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Micrel Semiconductor
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
logo
Anaren Microwave
MSK5143 ANAREN-MSK5143 Datasheet
953Kb / 10P
   3A LOW NOISE, ADJUSTABLE LDO REGULATOR
MSK5141 ANAREN-MSK5141 Datasheet
472Kb / 8P
   1.5A LOW NOISE, ADJUSTABLE LDO REGULATOR
logo
STMicroelectronics
LD56020 STMICROELECTRONICS-LD56020 Datasheet
1Mb / 23P
   Low input voltage, 200 mA ultra-low noise LDO
Rev 1 - March 2022
logo
Texas Instruments
TPS7A53B TI-TPS7A53B Datasheet
1Mb / 35P
[Old version datasheet]   TPS7A53B 3-A, Low-Input Voltage, Low-Noise, High-Accuracy, Low-Dropout (LDO) Voltage Regulator
AUGUST 2023
logo
Micrel Semiconductor
MIC47050 MICREL-MIC47050 Datasheet
494Kb / 14P
   500mA ULDO with Low Input and Low Output Voltage
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com