Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT01-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01-Q1
Description   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMT01-Q1 Datasheet HTML 4Page - Texas Instruments LMT01-Q1 Datasheet HTML 5Page - Texas Instruments LMT01-Q1 Datasheet HTML 6Page - Texas Instruments LMT01-Q1 Datasheet HTML 7Page - Texas Instruments LMT01-Q1 Datasheet HTML 8Page - Texas Instruments LMT01-Q1 Datasheet HTML 9Page - Texas Instruments LMT01-Q1 Datasheet HTML 10Page - Texas Instruments LMT01-Q1 Datasheet HTML 11Page - Texas Instruments LMT01-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C019
0
25
50
75
100
125
150
2
3
4
5
6
VP - VN (V)
C004
Low Level Current
High Level Current
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperature (
ƒC)
C011
Max Limit
Min Limit
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C018
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C013
Max Limit
Min Limit
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
±50
±25
0
25
50
75
100
125
150
LMT01 Junction Temperaure (
ƒC)
C012
Max Limit
Min Limit
8
LMT01-Q1
SNIS192 – NOVEMBER 2016
www.ti.com
Product Folder Links: LMT01-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Using
VP - VN = 4 V
Figure 5. Accuracy vs LMT01-Q1 Junction Temperature
Using
VP - VN = 5 V
Figure 6. Accuracy vs LMT01-Q1 Junction Temperature
Using
VP - VN = 5.5 V
Figure 7. Accuracy vs LMT01-Q1 Junction Temperature
Using Temp = (PC/4096 x 256°C ) - 50°C
VP - VN = 2.15 V
Figure 8. Accuracy Using Linear Transfer Function
Using Temp = (PC/4096 x 256°C ) - 50°C
VP - VN = 5.5V
Figure 9. Accuracy Using Linear Transfer Function
TA = 30°C
Figure 10. Output Current vs VP-VN Voltage


Similar Part No. - LMT01-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01-Q1 TI1-LMT01-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01-Q1 TI1-LMT01-Q1 Datasheet
755Kb / 23P
[Old version datasheet]   radiation hardened 2-pin precision digital output temperature sensor
LMT01-Q1 TI1-LMT01-Q1 Datasheet
756Kb / 23P
[Old version datasheet]   radiation hardened 2-pin precision digital output temperature sensor
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
More results

Similar Description - LMT01-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1_17 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com