Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32672L1822 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32672L1822
Description  Metallized Polypropylene Film Capacitors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32672L1822 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32672L1822 Datasheet HTML 7Page - TDK Electronics B32672L1822 Datasheet HTML 8Page - TDK Electronics B32672L1822 Datasheet HTML 9Page - TDK Electronics B32672L1822 Datasheet HTML 10Page - TDK Electronics B32672L1822 Datasheet HTML 11Page - TDK Electronics B32672L1822 Datasheet HTML 12Page - TDK Electronics B32672L1822 Datasheet HTML 13Page - TDK Electronics B32672L1822 Datasheet HTML 14Page - TDK Electronics B32672L1822 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
μs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
μs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor. These parameters are given for isolated pulses in such a way that the heat generated
by one pulse will be completely dissipated before applying the next pulse. For a train of pulses,
please refer to the curves of permissible AC voltage-current versus frequency.
dV/dt values
Lead spacing 10 mm
Type
B32671L
VRMS (V AC)
200
250
500
600
700
VR (V DC)
400
630
1000
1000
1600
2000
CR (nF)
dV/dt in V/
μs
1.0
11000
1.2
6000
10000
1.5
5600
9500
2.2
5200
9000
2.7
5000
8600
3.3
4700
4700
8500
3.9
4300
4500
8200
4.7
810
3800
4000
8000
5.6
3400
6.2
3200
6.8
810
3100
8.2
2700
10
810
2500
12
2300
15
540
810
22
400
540
810
33
400
540
47
400
540
56
540
68
400
100
400
B32671L ... B32672L
High V AC, high temperature (wound)
Page 11 of 39
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32672L1822

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32672L1822 EPCOS-B32672L1822 Datasheet
552Kb / 31P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32672L1822 EPCOS-B32672L1822 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
B32672L1822189 EPCOS-B32672L1822189 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32672L1822289 EPCOS-B32672L1822289 Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32672L1822

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com