Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32676G1475000 Datasheet(PDF) 9 Page - TDK Electronics

Part # B32676G1475000
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32676G1475000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B32676G1475000 Datasheet HTML 5Page - TDK Electronics B32676G1475000 Datasheet HTML 6Page - TDK Electronics B32676G1475000 Datasheet HTML 7Page - TDK Electronics B32676G1475000 Datasheet HTML 8Page - TDK Electronics B32676G1475000 Datasheet HTML 9Page - TDK Electronics B32676G1475000 Datasheet HTML 10Page - TDK Electronics B32676G1475000 Datasheet HTML 11Page - TDK Electronics B32676G1475000 Datasheet HTML 12Page - TDK Electronics B32676G1475000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1) Capacitance value measured at 1 kHz
2) Max. ripple current IRMS at 70
°C at 10 kHz for a ∆T ≤ 20 °C when ∆ESR
typ
≤ ±5%
3) ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 37.5 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
MOQ
pcs.
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
6.2 24.0
× 15.0 × 41.5
B32676T3625+000
8.0
12.6
18.0
1.1
8.2
1040
9.0 24.0
× 19.0 × 41.5
B32676T3905+000
10.0
9.1
19.0
1.1
8.3
780
15.0 20.0
× 39.5 × 42.0 10.2 B32676G3156+000 16.0
5.4
10.0
1.1
8.3
640
20.0 28.0
× 37.0 × 42.0 10.2 B32676G3206+000 20.0
4.0
11.0
1.1
8.4
440
20.0 43.0
× 22.0 × 41.5 20.3 B32676T3206K000 19.5
4.0
13.0
1.1
8.3
280
22.0 28.0
× 42.5 × 42.0 10.2 B32676G3226+000 21.5
3.8
11.0
1.2
8.5
440
25.0 28.0
× 42.5 × 42.0 10.2 B32676G3256+000 22.5
3.4
12.0
1.2
8.6
440
30.0 30.0
× 45.0 × 42.0 20.3 B32676G3306+000 26.0
2.8
12.0
1.2
8.7
400
35.0 33.0
× 48.0 × 42.0 20.3 B32676G3356+000 29.5
2.5
13.0
1.2
8.8
180
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
4.0 24.0
× 15.0 × 41.5
B32676T4405+000
7.0
15.5
19.0
1.0
6.6
1040
4.7 24.0
× 19.0 × 41.5
B32676T4475+000
8.0
13.2
18.0
1.0
6.6
780
8.2 20.0
× 39.5 × 42.0 10.2 B32676G4825+000 13.5
7.8
9.0
1.0
6.7
640
10.0 20.0
× 39.5 × 42.0 10.2 B32676G4106+000 14.5
6.4
11.0
1.0
6.7
640
13.0 43.0
× 22.0 × 41.5 20.3 B32676T4136K000 17.5
5.0
13.0
1.0
6.6
280
15.0 28.0
× 42.5 × 42.0 10.2 B32676G4156+000 20.0
4.4
11.0
1.0
6.8
440
20.0 30.0
× 45.0 × 42.0 20.3 B32676G4206K000 24.0
3.3
13.0
1.0
6.9
400
25.0 33.0
× 48.0 × 42.0 20.3 B32676G4256K000 28.0
2.8
14.0
1.0
7.1
180
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
2.7 24.0
× 15.0 × 41.5
B32676T6275+000
7.0
17.7
20.0
0.8
5.1
1040
3.5 24.0
× 19.0 × 41.5
B32676T6355+000
8.0
14.1
19.0
0.8
5.1
780
6.8 20.0
× 39.5 × 42.0 10.2 B32676G6685+000 13.5
7.4
10.0
0.8
5.2
640
7.5 20.0
× 39.5 × 42.0 10.2 B32676G6755+000 14.5
6.6
12.0
0.8
5.2
640
8.2 28.0
× 37.0 × 42.0 10.2 B32676G6825+000 16.0
6.1
11.0
0.8
5.2
440
9.0 43.0
× 22.0 × 41.5 20.3 B32676T6905K000 16.5
5.7
13.0
0.8
5.1
280
10.0 28.0
× 42.5 × 42.0 10.2 B32676G6106+000 18.5
5.1
11.0
0.8
5.2
440
12.0 28.0
× 42.5 × 42.0 10.2 B32676G6126+000 20.0
4.4
12.0
0.8
5.3
440
14.0 30.0
× 45.0 × 42.0 20.3 B32676G6146+000 23.0
3.7
14.0
0.8
5.3
400
15.0 33.0
× 48.0 × 42.0 20.3 B32676G6156+000 25.0
3.5
14.0
0.8
5.4
180
B32676
MKP DC link
high power series
Page 9 of 40
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32676G1475000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32676G1475 EPCOS-B32676G1475 Datasheet
370Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32676G1475+000 EPCOS-B32676G1475+000 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32676G1475000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32676G6106K EPCOS-B32676G6106K Datasheet
308Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com